Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
46
Freescale Semiconductor
System Design Information
Table 17. MPC7455 Microprocessor PLL Configuration Example for 1.0 GHz Parts
PLL_
CFG[0:4]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus (SYSCLK) Frequency
33.3
MHz
50
MHz
66.6
MHz
75
MHz
83
MHz
100
MHz
133
MHz
01000
2x
2x
10000
3x
2x
10100
4x
2x
532
(1064)
10110
5x
2x
500
(1000)
667
(1333)
10010
5.5x
2x
550
(1100)
733
(1466)
11010
6x
2x
600
(1200)
800
(1600)
01010
6.5x
2x
540
(1080)
650
(1300)
866
(1730)
00100
7x
2x
525
(1050)
580
(1160)
700
(1400)
931
(1862)
00010
7.5x
2x
500
(1000)
563
(1125)
623
(1245)
750
(1500)
1000
(2000)
11000
8x
2x
533
(1066)
600
(1200)
664
(1328)
800
(1600)
01100
8.5x
2x
566
(1132)
638
(1276)
706
(1412)
850
(1700)
01111
9x
2x
600
(1200)
675
(1350)
747
(1494)
900
(1800)
01110
9.5x
2x
633
(1266)
712
(1524)
789
(1578)
950
(1900)
10101
10x
2x
500
(1000)
667
(1333)
750
(1500)
830
(1660)
1000
(2000)
10001
10.5x
2x
525
(1050)
700
(1400)
938
(1876)
872
(1744)
10011
11x
2x
550
(1100)
733
(1466)
825
(1650)
913
(1826)
00000
11.5x
2x
575
(1150)
766
(532)
863
(1726)
955
(1910)
10111
12x
2x
600
(1200)
800
(1600)
900
(1800)
996
(1992)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com