Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
58
Freescale Semiconductor
System Design Information
temperature—airflow, board population (local heat flux of adjacent components), heat sink efficiency, heat sink
attach, heat sink placement, next-level interconnect technology, system air temperature rise, altitude, etc.
Due to the complexity and the many variations of system-level boundary conditions for today's microelectronic
equipment, the combined effects of the heat transfer mechanisms (radiation, convection, and conduction) may vary
widely. For these reasons, we recommend using conjugate heat transfer models for the board, as well as system-level
designs.
For system thermal modeling, the MPC7445 and MPC7455 thermal model is shown in Figure 30. Four volumes will
be used to represent this device. Two of the volumes, solder ball, and air and substrate, are modeled using the
package outline size of the package. The other two, die, and bump and underfill, have the same size as the die.
Dimensions for these volumes for the MPC7445 and MPC7455 are given in Figure 20 and Figure 22, respectively.
The silicon die should be modeled 9.10
× 12.25 × 0.74 mm with the heat source applied as a uniform source at the
bottom of the volume. The bump and underfill layer is modeled as 9.10
× 12.25 × 0.069 mm (or as a collapsed
volume) with orthotropic material properties: 0.6 W/(m • K) in the xy-plane and 2 W/(m • K) in the direction of the
z-axis. The substrate volume is 25
× 25 × 1.2 mm (MPC7445) or 29 × 29 × 1.2 mm (MPC7455), and this volume
has 18 W/(m • K) isotropic conductivity. The solder ball and air layer is modeled with the same horizontal
dimensions as the substrate and is 0.9 mm thick. It can also be modeled as a collapsed volume using orthotropic
material properties: 0.034 W/(m • K) in the xy-plane direction and 3.8 W/(m • K) in the direction of the z-axis.
Figure 30. Recommended Thermal Model of MPC7445 and MPC7455
Bump and Underfill
Die
Substrate
Solder and Air
Die
Substrate
Side View of Model (Not to Scale)
Top View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Bump and Underfill
kx
0.6
W/(m • K)
ky
0.6
kz
2
Substrate
k18
Solder Ball and Air
kx
0.034
ky
0.034
kz
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com