Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
38
Freescale Semiconductor
Pinout Listings
Table 16. Pinout Listing for the MPC7455, 483 CBGA Package
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes
A[0:35]
E10, N4, E8, N5, C8, R2, A7, M2, A6, M1,
A10, U2, N2, P8, M8, W4, N6, U6, R5, Y4, P1,
P4, R6, M7, N7, AA3, U4, W2, W1, W3, V4,
AA1, D10, J4, G10, D9
High
I/O
BVSEL
11
AACK
U1
Low
Input
BVSEL
AP[0:4]
L5, L6, J1, H2, G5
High
I/O
BVSEL
ARTRY
T2
Low
I/O
BVSEL
8
AVDD
B2
—
Input
N/A
BG
R3
Low
Input
BVSEL
BMODE0
C6
Low
Input
BVSEL
5
BMODE1
C4
Low
Input
BVSEL
6
BR
K1
Low
Output
BVSEL
BVSEL
G6
High
Input
N/A
3, 7
CI
R1
Low
Output
BVSEL
8
CKSTP_IN
F3
Low
Input
BVSEL
CKSTP_OUT
K6
Low
Output
BVSEL
CLK_OUT
N1
High
Output
BVSEL
D[0:63]
AB15, T14, R14, AB13, V14, U14, AB14,
W16, AA11, Y11, U12, W13, Y14, U13, T12,
W12, AB12, R12, AA13, AB11, Y12, V11, T11,
R11, W10, T10, W11, V10, R10, U10, AA10,
U9, V7, T8, AB4, Y6, AB7, AA6, Y8, AA7, W8,
AB10, AA16, AB16, AB17, Y18, AB18, Y16,
AA18, W14, R13, W15, AA14, V16, W6,
AA12, V6, AB9, AB6, R7, R9, AA9, AB8, W9
High
I/O
BVSEL
DBG
V1
Low
Input
BVSEL
DP[0:7]
AA2, AB3, AB2, AA8, R8, W5, U8, AB5
High
I/O
BVSEL
DRDY
T6
Low
Output
BVSEL
4
DTI[0:3]
P2, T5, U3, P6
High
Input
BVSEL
13
EXT_QUAL
B9
High
Input
BVSEL
9
GBL
M4
Low
I/O
BVSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com