Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
29
Electrical and Thermal Characteristics
Figure 11 shows the typical connection diagram for the MPC7455 interfaced to PB2 SRAMs, such as the Freescale
MCM63R737, or late write SRAMs, such as the Freescale MCM63R836A.
Figure 11. Typical Synchronous 1-MByte L3 Cache Late Write or PB2 Interface
L3_ADDR[16:0]
L3_CNTL[0]
SA[16:0]
K
K
SS
SW
ZZ
G
SRAM 0
DQ[0:17]
DQ[18:36]
L3_CNTL[1]
GVDD/2
1
GND
GND
SRAM 1
GVDD/2
1
GND
GND
{L3_DATA[0:15],
{L3_DATA[16:31],
{L3_DATA[32:47],
L3_CLK[0]
L3_CLK[1]
L3_ECHO_CLK[0]
L3_ECHO_CLK[1]
L3_ECHO_CLK[2]
{L3_DATA[48:63],
L3_DP[0:1]}
L3_DP[2:3]}
L3_DP[4:5]}
L3_DP[6:7]}
Denotes
Receive (SRAM
to MPC7455)
Aligned Signals
MPC7455
Denotes
Transmit
(MPC7455 to
SRAM)
Aligned Signals
L3_ECHO_CLK[3]
SA[16:0]
K
K
SS
SW
ZZ
G
DQ[0:17]
DQ[18:36]
Note:
1. Or as recommended by SRAM manufacturer for single-ended clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com