Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
40
Freescale Semiconductor
Pinout Listings
No Connect
A8, A11, B6, B11, C11, D11, D3, D5, E11, E7,
F2, F11, G11, G2, H11, H9, J8
——
N/A
16
OVDD
B3, C5, C7, C10, D2, E3, E9, F5, G3, G9, H7,
J5, K3, L7, M5, N3, P7, R4, T3, U5, U7, U11,
U15, V3, V9, V13, Y2, Y5, Y7, Y10, Y17, Y19,
AA4, AA15
——
N/A
PLL_CFG[0:4]
A2, F7, C2, D4, H8
High
Input
BVSEL
PMON_IN
E6
Low
Input
BVSEL
10
PMON_OUT
B4
Low
Output
BVSEL
QACK
K7
Low
Input
BVSEL
QREQ
Y1
Low
Output
BVSEL
SHD[0:1]
L4, L8
Low
I/O
BVSEL
8
SMI
G8
Low
Input
BVSEL
SRESET
G1
Low
Input
BVSEL
SYSCLK
D6
—
Input
BVSEL
TA
N8
Low
Input
BVSEL
TBEN
L3
High
Input
BVSEL
TBST
B7
Low
Output
BVSEL
TCK
J7
High
Input
BVSEL
TDI
E4
High
Input
BVSEL
7
TDO
H1
High
Output
BVSEL
TEA
T1
Low
Input
BVSEL
TEST[0:5]
B10, H6, H10, D8, F9, F8
—
Input
BVSEL
2
TEST[6]
A9
—
Input
BVSEL
9
TMS
K4
High
Input
BVSEL
7
TRST
C1
Low
Input
BVSEL
7, 14
TS
P5
Low
I/O
BVSEL
8
TSIZ[0:2]
L1,H3,D1
High
Output
BVSEL
TT[0:4]
F1, F4, K8, A5, E1
High
I/O
BVSEL
WT
L2
Low
Output
BVSEL
8
Table 16. Pinout Listing for the MPC7455, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com