Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
41
Package Description
8
Package Description
The following sections provide the package parameters and mechanical dimensions for the CBGA package.
8.1 Package Parameters for the MPC7445, 360 CBGA
The package parameters are as provided in the following list. The package type is 25
× 25 mm, 360-lead ceramic
ball grid array (CBGA).
Package outline
25
× 25 mm
Interconnects
360 (19
× 19 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.72 mm
Maximum module height
3.24 mm
Ball diameter
0.89 mm (35 mil)
VDD
J9, J11, J13, J15, K10, K12, K14, L9, L11,
L13, L15, M10, M12, M14, N9, N11, N13, N15,
P10, P12, P14
——
N/A
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals except the L3 cache controls (L3CTL[0:1]);
GVDD supplies power to the L3 cache interface (L3ADDR[0:17], L3DATA[0:63], L3DP[0:7], L3_ECHO_CLK[0:3],
and L3_CLK[0:1]) and the L3 control signals L3_CNTL[0:1]; and VDD supplies power to the processor core and the
PLL (after filtering to become AVDD). For actual recommended value of Vin or supply voltages, see Table 4.
2. These input signals are for factory use only and must be pulled up to OVDD for normal machine operation.
3. To program the processor interface I/O voltage, connect BVSEL to either GND (selects 1.8 V) or to HRESET (selects
2.5 V). To program the L3 interface, connect L3VSEL to either GND (selects 1.8 V) or to HRESET (selects 2.5 V)
or to HRESET (selects 1.5 V). If used, pulldown resistors should be less than 250
Ω.
4. Ignored in 60x bus mode.
5. This signal selects between MPX bus mode (asserted) and 60x bus mode (negated) and will be sampled at
HRESET going high.
6. This signal must be negated during reset, by pull-up to OVDD or negation by ¬HRESET (inverse of HRESET), to
ensure proper operation.
7. Internal pull-up on die.
8. These pins require weak pull-up resistors (for example, 4.7 k
Ω) to maintain the control signals in the negated state
after they have been actively negated and released by the MPC7455 and other bus masters.
9. These input signals for factory use only and must be pulled down to GND for normal machine operation.
10.This pin can externally cause a performance monitor event. Counting of the event is enabled via software.
11.Unused address pins must be pulled down to GND.
12.This test signal is recommended to be tied to HRESET; however, other configurations will not adversely affect
performance.
13.These signals must be pulled down to GND if unused or if the MPC7455 is in 60x bus mode.
14.This signal must be asserted during reset, by pull-down to GND or assertion by HRESET, to ensure proper
operation.
15.Power must be supplied to GVDD, even when the L3 interface is disabled or unused.
16.These signals are for factory use only and must be left unconnected for normal machine operation.
Table 16. Pinout Listing for the MPC7455, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com