Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
8
Freescale Semiconductor
Comparison with the MPC7400, MPC7410, MPC7450, MPC7451, and MPC7441
Scalar floating-point unit
In Order
In Order
In Order
Branch Processing Resources
Prediction structures
BTIC, BHT, Link Stack
BTIC, BHT, Link Stack
BTIC, BHT
BTIC size, associativity
128-Entry, 4-Way
128-Entry, 4-Way
64-Entry, 4-Way
BHT size
2K-Entry
2K-Entry
512-Entry
Link stack depth
8
8
None
Unresolved branches supported
3
3
2
Branch taken penalty (BTIC hit)
1
1
0
Minimum misprediction penalty
6
6
4
Execution Unit Timings (Latency-Throughput)
Aligned load (integer, float, vector)
3-1, 4-1, 3-1
3-1, 4-1, 3-1
2-1, 2-1, 2-1
Misaligned load (integer, float, vector)
4-2, 5-2, 4-2
4-2, 5-2, 4-2
3-2, 3-2, 3-2
L1 miss, L2 hit latency
9 Data/13 Instruction
9 Data/13 Instruction
9 (11) 1
SFX (aDd Sub, Shift, Rot, Cmp, logicals)
1-1
1-1
1-1
Integer multiply (32
× 8, 32 × 16, 32 × 32)
3-1, 3-1, 4-2
3-1, 3-1, 4-2
2-1, 3-2, 5-4
Scalar float
5-1
5-1
3-1
VSFX (vector simple)
1-1
1-1
1-1
VCFX (vector complex)
4-1
4-1
3-1
VFPU (vector float)
4-1
4-1
4-1
VPER (vector permute)
2-1
2-1
1-1
MMUs
TLBs (instruction and data)
128-Entry, 2-Way
128-Entry, 2-Way
128-Entry, 2-Way
Tablewalk mechanism
Hardware + Software
Hardware + Software
Hardware
Instruction BATs/data BATs
8/8
4/4
4/4
L1 I Cache/D Cache Features
Size
32K/32K
32K/32K
32K/32K
Associativity
8-Way
8-Way
8-Way
Locking granularity
Way
Way
Full Cache
Parity on I cache
Word
Word
None
Parity on D cache
Byte
Byte
None
Number of D cache misses (load/store)
5/1
5/1
8 (Any Combination)
Data stream touch engines
4 Streams
4 Streams
4 Streams
On-Chip Cache Features
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7455/MPC7445
MPC7450/MPC7451/
MPC7441
MPC7400/MPC7410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com