Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
59
Document Revision History
10 Document Revision History
Table 20 provides a revision history for this hardware specification.
Table 20. Document Revision History
Rev. No.
Substantive Change(s)
0
Initial release.
1
Updated for Rev F devices; information specific to Rev C devices is now documented in a separate part
number specifications; see Section 11.2, “Part Numbers Not Fully Addressed by This Document,” for
more information.
Removed 600 and 800 MHz speed grades.
Increased leakage current specifications in Table 6 from 10 to 30 µA.
Changed core voltage to 1.3 V; all instances of VDD and AVDD updated.
Updated power consumption specifications in Table 7.
Reduced I/O power guidance in Table 7 from <20% to <5%.
Added footnote 1 to Figure 9 and Figure 11.
Removed CI and WT from Input Setup and Input Hold lists in Table 10; these are output-only signals.
Removed INT, HRESET, MCP, SRESET, and SMI from Input Setup and Input Hold lists in Table 10;
these are asynchronous inputs.
Added TT[0:3] to Input Setup, Input Hold, Output Valid, and Output Hold lists in Table 10; these were
mistakenly omitted in Rev 0.
Updated Table 13 and Table 14 to reflect new L3 AC timing in Rev F devices.
Corrected Note 10 in Table 16 and Table 17; this is an event pin, not an enable pin.
Corrected entries for L3_ECHO_CLK[1,3] in Table 17; these are I/O pins, not input-only.
Added Note 16 to Table 17; all No Connect pins must be left unconnected.
Changed name of PLL_EXT to PLL_CFG[4] and updated all instances.
Updated Table 18 to reflect PLL configuration settings for Rev F devices.
Added dimensions D2 and E3 to Figure 20.
Transposed dimensions D4 and E4 in Figure 21 (dimensions were reversed).
Revised Figure 24 and Section 9.7, “JTAG Configuration Signals.”
Revised format of Section 11.2, “Part Numbers Not Fully Addressed by This Document,” and added
Table 23 through Table 26.
Revised Section 9.8.3, “Heat Sink Selection Example,” and added additional thermal modeling
information, including Figure 28.
Changed maximum heat sink clip spring force in Section 9.8, “Thermal Management Information,” from
5.5 lbs to 10 lbs.
Changed substrate marking for MPC7445 in Figure 29; all MPC744x device substrates are marked
MPC7440.
Changed substrate marking for MPC7455 in Figure 29; all MPC745x device substrates are marked
MPC7450.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com