Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 64Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
62
Freescale Semiconductor
Ordering Information
11.3 Part Marking
Parts are marked as the example shown in Figure 31.
Figure 31. Part Marking for BGA Device
Table 23. Part Numbers Addressed by XPC74
x5RXnnnNx Series Part Number Specification (Document
Order No. MPC7455RXNXPNS)
XPC
74
x5
RX
nnn
N
C
Product
Code
Part
Identifier
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
7455
7445
RX = CBGA
600
733
800
N: 1.3 V ± 50 mV
0 to 105
°C
C: 2.1; PVR = 8001 0201
Table 24. Part Numbers Addressed by XPC74
x5RXnnnPx Series Part Number Specification (Document
Order No. MPC7455RXPXPNS)
XPC
7455
RX
nnn
P
C
Product
Code
Part
Identifier
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
7455
RX = CBGA
933
1000
P: 1.85 V ± 50 mV
0 to 65
°C
C: 2.1; PVR = 8001 0201
Table 25. Part Numbers Addressed by XPC74
x5RXnnnSx Series Part Number Specification (Document
Order No. MPC7455RXSXPNS)
XPC
7455
RX
nnnn
S
C
Product
Code
Part
Identifier
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
7455
RX = CBGA
1000
S: 1.85 V ± 50 mV
0 to 75
°C
C: 2.1; PVR = 8001 0201
BGA
Notes:
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
MC7455A
RX1000LG
MMMMMM
ATWLYYWWA
7450
BGA
MC7445A
RX1000LG
MMMMMM
ATWLYYWWA
7440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com