Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
23
Electrical and Thermal Characteristics
Table 12 provides the L3 bus interface AC timing specifications for the configuration as shown in Figure 9,
assuming the timing relationships shown in Figure 10 and the loading shown in Figure 8.
Table 12. L3 Bus Interface AC Timing Specifications for MSUG2
At recommended operating conditions. See Table 4.
Parameter
Symbol
All Speed Grades 8
Unit
Notes
L3OH0 = 0, L3OH1 = 0 L3OH0 = 0, L3OH1 =1 L3OH0 = 1, L3OH1 = 0 L3OH0 = 1, L3OH1 = 1
Min
Max
Min
Max
Min
Max
Min
Max
L3_CLK rise
and fall time
tL3CR,
tL3CF
—1.0
—
1.0
—1.0
—1.0
ns
1
Setup times:
Data and
parity
tL3DVEH,
tL3DVEL
– 0.1
—
– 0.1
—
– 0.1
—
– 0.1
—
ns
2, 3,
4
Input hold
times: Data
and parity
tL3DXEH,
tL3DXEL
tL3_CLK/4
+ 0.30
—tL3_CLK/4
+ 0.30
—tL3_CLK/4
+ 0.30
—tL3_CLK/4
+ 0.30
—ns
2, 4
Valid times:
Data and
parity
tL3CHDV,
tL3CLDV
—(– tL3_CLK/4)
+ 0.60
—(– tL3_CLK/4)
+ 0.40
—(– tL3_CLK/4)
+ 0.20
—(– tL3_CLK/4)
+ 0.00
ns
5, 6,
7
Valid times:
All other
outputs
tL3CHOV
—tL3_CLK/4
+ 0.80
—tL3_CLK/4
+ 0.60
—tL3_CLK/4
+ 0.40
—tL3_CLK/4
+ 0.20
ns
5, 7
Output hold
times: Data
and parity
tL3CHDX,
tL3CLDX,
tL3_CLK/4
– 0.40
—tL3_CLK/4
– 0.60
—tL3_CLK/4
– 0.80
—tL3_CLK/4
– 1.00
—ns
5, 6,
7
Output hold
times: All
other outputs
tL3CHOX
tL3_CLK/4
– 0.20
—tL3_CLK/4
– 0.40
—tL3_CLK/4
– 0.60
—tL3_CLK/4
– 0.80
—ns
5, 7
L3_CLK to
high
impedance:
Data and
parity
tL3CLDZ
—tL3_CLK/2
—
tL3_CLK/2
—
tL3_CLK/2
—
tL3_CLK/2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com