Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
24
Freescale Semiconductor
Electrical and Thermal Characteristics
L3_CLK to
high
impedance:
All other
outputs
tL3CHOZ
—tL3_CLK/4
+ 2.0
—tL3_CLK/4
+ 2.0
tL3_CLK/4
+ 2.0
—tL3_CLK/4
+ 2.0
—ns
Notes:
1. Rise and fall times for the L3_CLK output are measured from 20% to 80% of GVDD.
2. For DDR, all input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising
or falling edge of the input L3_ECHO_CLK
n (see Figure 10). Input timings are measured at the pins.
3. For DDR, the input data will typically follow the edge of L3_ECHO_CLK
n as shown in Figure 10. For consistency with other
input setup time specifications, this will be treated as negative input setup time.
4. tL3_CLK/4 is one-fourth the period of L3_CLKn. This parameter indicates that the MPC7455 can latch an input signal that is
valid for only a short time before and a short time after the midpoint between the rising and falling (or falling and rising) edges
of L3_ECHO_CLK
n at any frequency.
5. All output specifications are measured from the midpoint voltage of the rising (or for DDR write data, also the falling) edge
of L3_CLK to the midpoint of the signal in question. The output timings are measured at the pins. All output timings assume
a purely resistive 50-
Ω load (see Figure 8).
6. For DDR, the output data will typically lead the edge of L3_CLK
n as shown in Figure 10. For consistency with other output
valid time specifications, this will be treated as negative output valid time.
7. tL3_CLK/4 is one-fourth the period of L3_CLKn. This parameter indicates that the specified output signal is actually launched
by an internal clock delayed in phase by 90°. Therefore, there is a frequency component to the output valid and output hold
times such that the specified output signal will be valid for approximately one L3_CLK period starting three-fourths of a clock
prior to the edge on which the SRAM will sample it and ending one-fourth of a clock period after the edge it will be sampled.
8. These configuration bits allow the AC timing of the L3 interface to be altered via software. L3OH0 = L2CR[12],
L30H1 = L3CR[12]. Revisions of the MPC7455 not described by this document may implement these bits differently. See
Section 11.1, “Part Numbers Fully Addressed by This Document,” and Section 11.2, “Part Numbers Not Fully Addressed by
This Document,” for more information on which devices are addressed by this document.
Table 12. L3 Bus Interface AC Timing Specifications for MSUG2 (continued)
At recommended operating conditions. See Table 4.
Parameter
Symbol
All Speed Grades 8
Unit
Notes
L3OH0 = 0, L3OH1 = 0 L3OH0 = 0, L3OH1 =1 L3OH0 = 1, L3OH1 = 0 L3OH0 = 1, L3OH1 = 1
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com