Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
14
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 7 provides the power consumption for the MPC7455.
Input leakage current,
Vin = GVDD/OVDD + 0.3 V
—Iin
—30
µA
2, 3
High impedance (off-state) leakage
current, Vin = GVDD/OVDD + 0.3 V
—ITSI
—
30
µA
2, 3, 5
Output high voltage, IOH = –5 mA
1.5
VOH
GVDD – 0.45
—
V
6
1.8
VOH
OVDD/GVDD – 0.45
—
V
2.5
VOH
1.7
—
V
Output low voltage, IOL = 5 mA
1.5
VOL
—0.45
V
6
1.8
VOL
—0.45
V
2.5
VOL
—0.7
V
Capacitance,
Vin = 0 V,
f = 1 MHz
L3 interface
—
Cin
—9.5
pF
4
All other inputs
—
8.0
pF
4
Notes:
1. Nominal voltages; see Table 4 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while GVDD is the reference for the L3 bus signals.
3. Excludes test signals and IEEE 1149.1 boundary scan (JTAG) signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OVDD/GVDD and VDD, or both OVDD/GVDD and VDD must vary in the same
direction (for example, both OVDD and VDD vary by either +5% or –5%).
6. Applicable to L3 bus interface only.
Table 7. Power Consumption for MPC7455
Processor (CPU) Frequency
Unit
Notes
733 MHz
867 MHz
933 MHz
1 GHz
Full-Power Mode
Typical
11.5
12.9
13.6
15.0
W
1, 3
Maximum
17.0
19.0
20.0
22.0
W
1, 2
Doze Mode
Typical
————
W
4
Nap Mode
Typical
8.0
8.0
8.0
8.0
W
1, 3
Sleep Mode
Table 6. DC Electrical Specifications (continued)
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com