Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 53 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 49Page - STMicroelectronics M50FLW080A Datasheet HTML 50Page - STMicroelectronics M50FLW080A Datasheet HTML 51Page - STMicroelectronics M50FLW080A Datasheet HTML 52Page - STMicroelectronics M50FLW080A Datasheet HTML 53Page - STMicroelectronics M50FLW080A Datasheet HTML 54Page - STMicroelectronics M50FLW080A Datasheet HTML 55Page - STMicroelectronics M50FLW080A Datasheet HTML 56Page - STMicroelectronics M50FLW080A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
M50FLW080A, M50FLW080B
Block and sector address table
53/64
1.
In LPC mode, a most significant nibble, F, must be added to the memory address. For all registers, A22=0,
and the remaining address bits should be set according to the rules shown in the ADDR field of Table 6 to
Table 9.
64
D0000h-DFFFFh
13 (Main)
FBD0002
64
C0000h-CFFFFh
12 (Main)
FBC0002
64
B0000h-BFFFFh
11 (Main)
FBB0002
64
A0000h-AFFFFh
10 (Main)
FBA0002
64
90000h-9FFFFh
9 (Main)
FB90002
64
80000h-8FFFFh
8 (Main)
FB80002
64
70000h-7FFFFh
7 (Main)
FB70002
64
60000h-6FFFFh
6 (Main)
FB60002
64
50000h-5FFFFh
5 (Main)
FB50002
64
40000h-4FFFFh
4 (Main)
FB40002
64
30000h-3FFFFh
3 (Main)
FB30002
64
20000h-2FFFFh
2 (Main)
FB20002
64
10000h-1FFFFh
1 (Main)
FB10002
64
0F000h-0FFFFh
0
(Main)
4
15
FB0F002
0E000h-0EFFFh
4
14
FB0E002
0D000h-0DFFFh
4
13
FB0D002
0C000h-0CFFFh
4
12
FB0C002
0B000h-0BFFFh
4
11
FB0B002
0A000h-0AFFFh
4
10
FB0A002
09000h-09FFFh
4
9
FB09002
08000h-08FFFh
4
8
FB08002
07000h-07FFFh
4
7
FB07002
06000h-06FFFh
4
6
FB06002
05000h-05FFFh
4
5
FB05002
04000h-04FFFh
4
4
FB04002
03000h-03FFFh
4
3
FB03002
02000h-02FFFh
4
2
FB02002
01000h-01FFFh
4
1
FB01002
00000h-00FFFh
4
0
FB00002
Table 34.
M50FLW080A block, sector and Lock Register addresses (continued)
Block Size
(KByte)
Address Range
Block No and
Type
Sector Size
(KByte)
Sector No
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com