Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 14 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 10Page - STMicroelectronics M50FLW080A Datasheet HTML 11Page - STMicroelectronics M50FLW080A Datasheet HTML 12Page - STMicroelectronics M50FLW080A Datasheet HTML 13Page - STMicroelectronics M50FLW080A Datasheet HTML 14Page - STMicroelectronics M50FLW080A Datasheet HTML 15Page - STMicroelectronics M50FLW080A Datasheet HTML 16Page - STMicroelectronics M50FLW080A Datasheet HTML 17Page - STMicroelectronics M50FLW080A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Signal descriptions
M50FLW080A, M50FLW080B
14/64
2.1.4
General-purpose inputs (GPI0-GPI4)
The General Purpose Inputs can be used as digital inputs for the CPU to read, with their
contents being available in the General Purpose Inputs Register. The pins must have stable
data throughout the entire cycle that reads the General Purpose Input Register. These pins
should be driven Low, VIL, or High, VIH, and must not be left floating.
2.1.5
Interface configuration (IC)
The Interface Configuration input selects whether the FWH/LPC interface or the
Address/Address Multiplexed (A/A Mux) Interface is used. The state of the Interface
Configuration, IC, should not be changed during operation of the memory device, except for
selecting the desired interface in the period before power-up or during a Reset.
To select the FWH/LPC Interface, the Interface Configuration pin should be left to float or
driven Low, VIL. To select the Address/Address Multiplexed (A/A Mux) Interface, the pin
should be driven High, VIH. An internal pull-down resistor is included with a value of RIL;
there will be a leakage current of ILI2 through each pin when pulled to VIH.
2.1.6
Interface Reset (RP)
The Interface Reset (RP) input is used to reset the device. When Interface Reset (RP) is
driven Low, VIL, the memory is in Reset mode (the outputs go to high impedance, and the
current consumption is minimized). When RP is driven High, VIH, the device is in normal
operation. After exiting Reset mode, the memory enters Read mode.
2.1.7
CPU Reset (INIT)
The CPU Reset, INIT, signal is used to Reset the device when the CPU is reset. It behaves
identically to Interface Reset, RP, and the internal Reset line is the logical OR (electrical
AND) of RP and INIT.
2.1.8
Clock (CLK)
The Clock, CLK, input is used to clock the signals in and out of the Input/Output
Communication Pins, FWH0/LAD0-FWH3/LAD3. The Clock conforms to the PCI
specification.
2.1.9
Top Block Lock (TBL)
The Top Block Lock input is used to prevent the Top Block (Block 15) from being changed.
When Top Block Lock, TBL, is driven Low, VIL, program and erase operations in the Top
Block have no effect, regardless of the state of the Lock Register. When Top Block Lock,
TBL, is driven High, VIH, the protection of the Block is determined by the Lock Registers.
The state of Top Block Lock, TBL, does not affect the protection of the Main Blocks (Blocks
0 to 14). For details, see Appendix A.
Top Block Lock, TBL, must be set prior to a program or erase operation being initiated, and
must not be changed until the operation has completed, otherwise unpredictable results
may occur. Similarly, unpredictable behavior is possible if WP is changed during Program or
Erase Suspend, and care should be taken to avoid this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com