Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 37 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 33Page - STMicroelectronics M50FLW080A Datasheet HTML 34Page - STMicroelectronics M50FLW080A Datasheet HTML 35Page - STMicroelectronics M50FLW080A Datasheet HTML 36Page - STMicroelectronics M50FLW080A Datasheet HTML 37Page - STMicroelectronics M50FLW080A Datasheet HTML 38Page - STMicroelectronics M50FLW080A Datasheet HTML 39Page - STMicroelectronics M50FLW080A Datasheet HTML 40Page - STMicroelectronics M50FLW080A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
M50FLW080A, M50FLW080B
Firmware Hub/low-pin-count (FWH/LPC) interface Configuration
37/64
6.2
Firmware Hub/low-pin-count (FWH/LPC) General-Purpose
Input Register
The FWH/LPC General Purpose Input Register holds the state of the General Purpose
Input pins, GPI0-GPI4. When this register is read, the state of these pins is returned. This
register is read-only. Writing to it has no effect.
The signals on the FWH/LPC Interface General Purpose Input pins should remain constant
throughout the whole Bus Read cycle.
6.3
Manufacturer Code Register
Reading the Manufacturer Code Register returns the value 20h, which is the Manufacturer
Code for STMicroelectronics. This register is read-only. Writing to it has no effect.
Table 17.
General-Purpose Input Register definition
Bit
Bit Name
Value
Function(1)
1.
Applies to the General Purpose Inputs Register (GPI-REG).
7-5
Reserved
4GPI4
‘1’
Input Pin GPI4 is at VIH
‘0’
Input Pin GPI4 is at VIL
3GPI3
‘1’
Input Pin GPI3 is at VIH
‘0’
Input Pin GPI3 is at VIL
2GPI2
‘1’
Input Pin GPI2 is at VIH
‘0’
Input Pin GPI2 is at VIL
1GPI1
‘1’
Input Pin GPI1 is at VIH
‘0’
Input Pin GPI1 is at VIL
0GPI0
‘1’
Input Pin GPI0 is at VIH
‘0’
Input Pin GPI0 is at VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com