Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 31 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 27Page - STMicroelectronics M50FLW080A Datasheet HTML 28Page - STMicroelectronics M50FLW080A Datasheet HTML 29Page - STMicroelectronics M50FLW080A Datasheet HTML 30Page - STMicroelectronics M50FLW080A Datasheet HTML 31Page - STMicroelectronics M50FLW080A Datasheet HTML 32Page - STMicroelectronics M50FLW080A Datasheet HTML 33Page - STMicroelectronics M50FLW080A Datasheet HTML 34Page - STMicroelectronics M50FLW080A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
M50FLW080A, M50FLW080B
Status Register
31/64
5
Status Register
The Status Register provides information on the current or previous Program or Erase
operation. The bits in the Status Register convey specific information about the progress of
the operation.
To read the Status Register, the Read Status Register command can be issued. The Status
Register is automatically read after Program, Erase and Program/Erase Resume
commands are issued. The Status Register can be read from any address.
The text descriptions, below, should be read in conjunction with Table 14, where the
meanings of the Status Register bits are summarized.
5.1
Program/Erase Controller status (bit SR7)
This bit indicates whether the Program/Erase Controller is active or inactive. When the
Program/Erase Controller Status bit is ‘0’, the Program/Erase Controller is active; when the
bit is ‘1’, the Program/Erase Controller is inactive.
The Program/Erase Controller Status is ‘0’ immediately after a Program/Erase Suspend
command is issued, until the Program/Erase Controller pauses. After the Program/Erase
Controller pauses, the bit is ‘1’.
The end of a Program and Erase operation can be found by polling the Program/Erase
Controller Status bit can be polled. The other bits in the Status Register should not be tested
until the Program/Erase Controller has completed the operation (and the Program/Erase
Controller Status bit is ‘1’).
After the Program/Erase Controller has completed its operation, the Erase Status, Program
Status, VPP Status and Block/Sector Protection Status bits should be tested for errors.
5.2
Erase Suspend status (bit SR6)
This bit indicates that an Erase operation has been suspended, and that it is waiting to be
resumed. The Erase Suspend Status should only be considered valid when the
Program/Erase Controller Status bit is ‘1’ (Program/Erase Controller inactive). After a
Program/Erase Suspend command is issued, the memory may still complete the operation
rather than entering the Suspend mode.
When the Erase Suspend Status bit is ‘0’, the Program/Erase Controller is active or has
completed its operation. When the bit is ‘1’, a Program/Erase Suspend command has been
issued and the memory is waiting for a Program/Erase Resume command.
When a Program/Erase Resume command is issued, the Erase Suspend Status bit returns
to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com