Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 22 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 18Page - STMicroelectronics M50FLW080A Datasheet HTML 19Page - STMicroelectronics M50FLW080A Datasheet HTML 20Page - STMicroelectronics M50FLW080A Datasheet HTML 21Page - STMicroelectronics M50FLW080A Datasheet HTML 22Page - STMicroelectronics M50FLW080A Datasheet HTML 23Page - STMicroelectronics M50FLW080A Datasheet HTML 24Page - STMicroelectronics M50FLW080A Datasheet HTML 25Page - STMicroelectronics M50FLW080A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Bus operations
M50FLW080A, M50FLW080B
22/64
Figure 8.
LPC Bus Read waveforms (1-byte)
Table 8.
LPC Bus Read field definitions (1-byte)
Clock
Cycle
Number
Clock
Cycle
Count
Field
LAD0-
LAD3
Memory
I/O
Description
1
1
START
0000b
I
On the rising edge of CLK with LFRAME Low,
the contents of LAD0-LAD3 must be 0000b to
indicate the start of a LPC cycle.
21
CYCTYPE
+ DIR
0100b
I
Indicates the type of cycle and selects 1-byte
reading. Bits 3:2 must be 01b. Bit 1 indicates
the direction of transfer: 0b for read. Bit 0 is
Don’t Care.
3-10
8
ADDR
XXXX
I
A 32-bit address is transferred, with the most
significant nibble first. A23-A31 must be set
to 1. A22=1 for memory access, and A22=0
for register access. Table 5 shows the
appropriate values for A21-A20.
11
1
TAR
1111b
I
The host drives LAD0-LAD3 to 1111b to
indicate a turnaround cycle.
12
1
TAR
1111b
(float)
O
The LPC Flash Memory takes control of
LAD0-LAD3 during this cycle.
13-14
2
WSYNC
0101b
O
The LPC Flash Memory drives LAD0-LAD3
to 0101b (short wait-sync) for two clock
cycles, indicating that the data is not yet
available. Two wait-states are always
included.
15
1
RSYNC
0000b
O
The LPC Flash Memory drives LAD0-LAD3
to 0000b, indicating that data will be available
during the next clock cycle.
16-17
2
DATA
XXXX
O
Data transfer is two CLK cycles, starting with
the least significant nibble.
18
1
TAR
1111b
O
The LPC Flash Memory drives LAD0-LAD3
to 1111b to indicate a turnaround cycle.
19
1
TAR
1111b
(float)
N/A
The LPC Flash Memory floats its outputs, the
host takes control of LAD0-LAD3.
AI04429
CLK
LFRAME
LAD0-LAD3
Number of
clock cycles
START
CYCTYPE
+ DIR
ADDR
TAR
SYNC
DATA
TAR
1182322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com