Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 42 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 38Page - STMicroelectronics M50FLW080A Datasheet HTML 39Page - STMicroelectronics M50FLW080A Datasheet HTML 40Page - STMicroelectronics M50FLW080A Datasheet HTML 41Page - STMicroelectronics M50FLW080A Datasheet HTML 42Page - STMicroelectronics M50FLW080A Datasheet HTML 43Page - STMicroelectronics M50FLW080A Datasheet HTML 44Page - STMicroelectronics M50FLW080A Datasheet HTML 45Page - STMicroelectronics M50FLW080A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
DC and AC parameters
M50FLW080A, M50FLW080B
42/64
Table 24.
DC characteristics
Symbol
Parameter
Interface
Test Condition
Min
Max
Unit
VIH
Input High Voltage
FWH
0.5 VCC VCC + 0.5
V
A/A Mux
0.7 VCC VCC + 0.3
V
VIL
Input Low Voltage
FWH/LPC
–0.5
0.3 VCC
V
A/A Mux
-0.5
0.8
V
VIH(INIT)INIT Input High Voltage FWH/LPC
1.1
VCC + 0.5
V
VIL(INIT)INIT Input Low Voltage FWH/LPC
–0.5
0.2 VCC
V
ILI
(1)
Input Leakage Current
0V
≤V
IN ≤VCC
±10
µA
ILI2
IC, IDx Input Leakage
Current
IC, ID0, ID1, ID2, ID3(2)= VCC
200
µA
RIL
IC, IDx Input Pull Low
Resistor
20
100
k
VOH
Output High Voltage
FWH/LPC
IOH = –500µA
0.9 VCC
V
A/A Mux
IOH = –100µAVCC – 0.4
V
VOL
Output Low Voltage
FWH/LPC
IOL = 1.5mA
0.1 VCC
V
A/A Mux
IOL = 1.8mA
0.45
V
ILO
Output Leakage
Current
0V
≤V
OUT ≤VCC
±10
µA
VPP1
VPP Voltage
3
3.6
V
VPPH
VPP Voltage (Fast
Erase)
11.4
12.6
V
VLKO
(3)
VCC Lockout Voltage
1.8
2.3
V
ICC1
Supply Current
(Standby)
FWH/LPC
FWH4/LFRAME = 0.9VCC, VPP = VCC
All other inputs 0.9VCC to 0.1VCC
VCC = 3.6V, f(CLK) = 33MHz
100
µA
ICC2
Supply Current
(Standby)
FWH/LPC
FWH4/LFRAME = 0.1 VCC, VPP = VCC
All other inputs 0.9 VCC to 0.1 VCC
VCC = 3.6 V, f(CLK) = 33 MHz
10
mA
ICC3
Supply Current (Any
internal operation
active)
FWH/LPC
VCC = VCC max, VPP = VCC
f(CLK) = 33 MHz, IOUT = 0mA
60
mA
ICC4
Supply Current (Read)
A/A Mux
G = VIH, f = 6MHz
20
mA
ICC5
(3)
Supply Current
(Program/Erase)
A/A Mux
Program/Erase Controller Active
20
mA
IPP
VPP Supply Current
(Read/Standby)
VPP > VCC
400
µA
IPP1
(3)
VPP Supply Current
(Program/Erase active)
VPP = VCC
40
mA
VPP = 12V ± 5%
15
mA
1.
Input leakage currents include High-Z output leakage for all bidirectional buffers with tri-state outputs.
2.
ID0 and ID1 are RFU in LPC mode.
3.
Sampled only, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com