Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 57 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 53Page - STMicroelectronics M50FLW080A Datasheet HTML 54Page - STMicroelectronics M50FLW080A Datasheet HTML 55Page - STMicroelectronics M50FLW080A Datasheet HTML 56Page - STMicroelectronics M50FLW080A Datasheet HTML 57Page - STMicroelectronics M50FLW080A Datasheet HTML 58Page - STMicroelectronics M50FLW080A Datasheet HTML 59Page - STMicroelectronics M50FLW080A Datasheet HTML 60Page - STMicroelectronics M50FLW080A Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
M50FLW080A, M50FLW080B
Flowcharts and pseudo codes
57/64
Figure 22.
Double/Quadruple Byte Program flowchart and pseudo code (FWH mode
only)
1.
A Status check of SR3 (VPP Invalid) and SR4 (Program Error) can be made after each program operation
by following the correct command sequence.
2.
If an error is found, the Status Register must be cleared before further Program/Erase operations.
3.
A0 and/or A1 are treated as Don’t Care (A0 for Double Byte Program and A1-A0 for Quadruple Byte
Program).
For Double Byte Program: Starting at the Start Address, the first data Byte is programmed at the even
address, and the second at the odd address.
For Quadruple Byte Program: Starting at the Start Address, the first data Byte is programmed at the
address that has A1-A0 at 00, the second at the address that has A1-A0 at 01, the third at the address that
has A1-A0 at 10, and the fourth at the address that has A1-A0 at 11.
AI09093
Read Status
Register
YES
NO
SR7 = 1
YES
NO
SR3 = 0
NO
SR4 = 0
VPP Invalid
Error (1, 2)
Program
Error (1, 2)
Double/Quadruple Byte Program command:
– write 40h or 10h
– write Start Address and 2/4 Data Bytes (3)
(memory enters read status state after
the Double/Quadruple Byte Program command)
do:
– Read Status Register
– If SR7=0 and a Program/Erase Suspend
command has been executed
– SR7 is set to 1
– Enter suspend program loop
If SR3 = 1, VPP invalid error:
– error handler
If SR4 = 1, Program error:
– error handler
Suspend
Suspend
Loop
NO
YES
Write 40h or 10h
Start
Write Start Address
and 2/4 Data Bytes (3)
YES
End
YES
NO
SR1 = 0
Program to Protected
Block/Sector Error (1, 2)
If SR1 = 1,
Program to protected block/sector error:
– error handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com