Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 23 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 19Page - STMicroelectronics M50FLW080A Datasheet HTML 20Page - STMicroelectronics M50FLW080A Datasheet HTML 21Page - STMicroelectronics M50FLW080A Datasheet HTML 22Page - STMicroelectronics M50FLW080A Datasheet HTML 23Page - STMicroelectronics M50FLW080A Datasheet HTML 24Page - STMicroelectronics M50FLW080A Datasheet HTML 25Page - STMicroelectronics M50FLW080A Datasheet HTML 26Page - STMicroelectronics M50FLW080A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
M50FLW080A, M50FLW080B
Bus operations
23/64
Figure 9.
LPC Bus Write waveforms (1 byte)
Table 9.
LPC Bus Write field definitions (1 byte)
Clock
Cycle
Number
Clock
Cycle
Count
Field
LAD0-
LAD3
Memory
I/O
Description
1
1
START
0000b
I
On the rising edge of CLK with LFRAME Low,
the contents of LAD0-LAD3 must be 0000b to
indicate the start of a LPC cycle.
21
CYCTYPE
+ DIR
011Xb
I
Indicates the type of cycle. Bits 3:2 must be
01b. Bit 1 indicates the direction of transfer: 1b
for write. Bit 0 is don’t care (X).
3-10
8
ADDR
XXXX
I
A 32-bit address is transferred, with the most
significant nibble first. A23-A31 must be set to
1. A22=1 for memory access, and A22=0 for
register access. Table 5 shows the appropriate
values for A21-A20.
11-12
2
DATA
XXXX
I
Data transfer is two cycles, starting with the
least significant nibble.
13
1
TAR
1111b
I
The host drives LAD0-LAD3 to 1111b to
indicate a turnaround cycle.
14
1
TAR
1111b
(float)
O
The LPC Flash Memory takes control of LAD0-
LAD3 during this cycle.
15
1
SYNC
0000b
O
The LPC Flash Memory drives LAD0-LAD3 to
0000b, indicating it has received data or a
command.
16
1
TAR
1111b
O
The LPC Flash Memory drives LAD0-LAD3 to
1111b, indicating a turnaround cycle.
17
1
TAR
1111b
(float)
N/A
The LPC Flash Memory floats its outputs and
the host takes control of LAD0-LAD3.
AI04430
CLK
LFRAME
LAD0-LAD3
Number of
clock cycles
START
CYCTYPE
+ DIR
ADDR
DATA
TAR
SYNC
TAR
1182212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com