Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 15 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 11Page - STMicroelectronics M50FLW080A Datasheet HTML 12Page - STMicroelectronics M50FLW080A Datasheet HTML 13Page - STMicroelectronics M50FLW080A Datasheet HTML 14Page - STMicroelectronics M50FLW080A Datasheet HTML 15Page - STMicroelectronics M50FLW080A Datasheet HTML 16Page - STMicroelectronics M50FLW080A Datasheet HTML 17Page - STMicroelectronics M50FLW080A Datasheet HTML 18Page - STMicroelectronics M50FLW080A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
M50FLW080A, M50FLW080B
Signal descriptions
15/64
2.1.10
Write Protect (WP)
The Write Protect input is used to prevent the Main Blocks (Blocks 0 to 14) from being
changed. When Write Protect, WP, is driven Low, VIL, Program and Erase operations in the
Main Blocks have no effect, regardless of the state of the Lock Register. When Write
Protect, WP, is driven High, VIH, the protection of the Block or Sector is determined by the
Lock Registers. The state of Write Protect, WP, does not affect the protection of the Top
Block (Block 15). For details, see Appendix A.
Write Protect, WP, must be set prior to a Program or Erase operation is initiated, and must
not be changed until the operation has completed otherwise unpredictable results may
occur. Similarly, unpredictable behavior is possible if WP is changed during Program or
Erase Suspend, and care should be taken to avoid this.
2.1.11
Reserved for Future Use (RFU)
Reserved for Future Use (RFU). These pins do not presently have assigned functions. They
must be left disconnected, except for ID0 and ID1 (when in LPC mode) which can be left
connected. The electrical characteristics for these signals are as described in the
“Identification inputs (ID0-ID3)” section.
2.2
Address/Address multiplexed (A/A Mux) signal descriptions
Please see Figure 2 and Table 2.
2.2.1
Address inputs (A0-A10)
The Address Inputs are used to set the Row Address bits (A0-A10) and the Column
Address bits (A11-A19). They are latched during any bus operation by the Row/Column
Address Select input, RC.
2.2.2
Data inputs/outputs (DQ0-DQ7)
The Data Inputs/Outputs hold the data that is to be written to or read from the memory. They
output the data stored at the selected address during a Bus Read operation. During Bus
Write operations they carry the commands that are sent to the Command Interface of the
internal state machine. The Data Inputs/Outputs, DQ0-DQ7, are latched during a Bus Write
operation.
2.2.3
Output Enable (G)
The Output Enable signal, G, controls the output buffers during a Bus Read operation.
2.2.4
Write Enable (W)
The Write Enable signal, W, controls the Bus Write operation of the Command Interface.
2.2.5
Row/Column Address Select (RC)
The Row/Column Address Select input selects whether the Address Inputs are to be latched
into the Row Address bits (A0-A10) or the Column Address bits (A11-A19). The Row
Address bits are latched on the falling edge of RC whereas the Column Address bits are
latched on its rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com