Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 55 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 51Page - STMicroelectronics M50FLW080A Datasheet HTML 52Page - STMicroelectronics M50FLW080A Datasheet HTML 53Page - STMicroelectronics M50FLW080A Datasheet HTML 54Page - STMicroelectronics M50FLW080A Datasheet HTML 55Page - STMicroelectronics M50FLW080A Datasheet HTML 56Page - STMicroelectronics M50FLW080A Datasheet HTML 57Page - STMicroelectronics M50FLW080A Datasheet HTML 58Page - STMicroelectronics M50FLW080A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
M50FLW080A, M50FLW080B
Block and sector address table
55/64
1.
In LPC mode, a most significant nibble, F, must be added to the memory address. For all registers, A22=0,
and the remaining address bits should be set according to the rules shown in the ADDR field of Table 6 to
Table 9.
64
1F000h-1FFFFh
1 (Main)
4
31
FB1F002
1E000h-1EFFFh
4
30
FB1E002
1D000h-1DFFFh
4
29
FB1D002
1C000h-1CFFFh
4
28
FB1C002
1B000h-1BFFFh
4
27
FB1B002
1A000h-1AFFFh
4
26
FB1A002
19000h-19FFFh
4
25
FB19002
18000h-18FFFh
4
24
FB18002
17000h-17FFFh
4
23
FB17002
16000h-16FFFh
4
22
FB16002
15000h-15FFFh
4
21
FB15002
14000h-14FFFh
4
20
FB14002
13000h-13FFFh
4
19
FB13002
12000h-12FFFh
4
18
FB12002
11000h-11FFFh
4
17
FB11002
10000h-10FFFh
4
16
FB10002
64
0F000h-0FFFFh
0
(Main)
4
15
FB0F002
0E000h-0EFFFh
4
14
FB0E002
0D000h-0DFFFh
4
13
FB0D002
0C000h-0CFFFh
4
12
FB0C002
0B000h-0BFFFh
4
11
FB0B002
0A000h-0AFFFh
4
10
FB0A002
09000h-09FFFh
4
9
FB09002
08000h-08FFFh
4
8
FB08002
07000h-07FFFh
4
7
FB07002
06000h-06FFFh
4
6
FB06002
05000h-05FFFh
4
5
FB05002
04000h-04FFFh
4
4
FB04002
03000h-03FFFh
4
3
FB03002
02000h-02FFFh
4
2
FB02002
01000h-01FFFh
4
1
FB01002
00000h-00FFFh
4
0
FB00002
Table 35.
M50FLW080B block, sector and Lock Register addresses (continued)
Block Size
(KByte)
Address Range
Block No
and Type
Sector Size
(KByte)
Sector No
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com