Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 8 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 4Page - STMicroelectronics M50FLW080A Datasheet HTML 5Page - STMicroelectronics M50FLW080A Datasheet HTML 6Page - STMicroelectronics M50FLW080A Datasheet HTML 7Page - STMicroelectronics M50FLW080A Datasheet HTML 8Page - STMicroelectronics M50FLW080A Datasheet HTML 9Page - STMicroelectronics M50FLW080A Datasheet HTML 10Page - STMicroelectronics M50FLW080A Datasheet HTML 11Page - STMicroelectronics M50FLW080A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Summary description
M50FLW080A, M50FLW080B
8/64
Figure 1.
Logic diagram (FWH/LPC interface)
Table 1.
Signal names (FWH/LPC interface)
FWH0/LAD0-FWH3/LAD3
Input/Output Communications
FWH4/LFRAME
Input Communication Frame
ID0-ID3
Identification Inputs
(ID0 and ID1 are Reserved for Future Use (RFU) in LPC mode)
GPI0-GPI4
General Purpose Inputs
IC
Interface Configuration
RP
Interface Reset
INIT
CPU Reset
CLK
Clock
TBL
Top Block Lock
WP
Write Protect
RFU
Reserved for Future Use. Leave disconnected
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast Program and Erase Operations
VSS
Ground
NC
Not Connected Internally
AI09229B
4
FWH4/LFRAME
FWH0/LAD0
FWH3/LAD3
VCC
M50FLW080A
M50FLW080B
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID3
GPI0-
GPI4
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com