Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 41 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 37Page - STMicroelectronics M50FLW080A Datasheet HTML 38Page - STMicroelectronics M50FLW080A Datasheet HTML 39Page - STMicroelectronics M50FLW080A Datasheet HTML 40Page - STMicroelectronics M50FLW080A Datasheet HTML 41Page - STMicroelectronics M50FLW080A Datasheet HTML 42Page - STMicroelectronics M50FLW080A Datasheet HTML 43Page - STMicroelectronics M50FLW080A Datasheet HTML 44Page - STMicroelectronics M50FLW080A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
M50FLW080A, M50FLW080B
DC and AC parameters
41/64
Figure 11.
A/A Mux interface AC measurement I/O waveform
Figure 12.
AC measurement load circuit
Table 23.
Impedance(1)
1.
TA = 25°C, f = 1MHz.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
(2)
2.
Sampled only, not 100% tested.
Input Capacitance
VIN = 0V
13
pF
CCLK
(2)
Clock Capacitance
VIN = 0V
3
12
pF
LPIN
(3)
3.
See PCI Specification.
Recommended Pin
Inductance
20
nH
AI01417
3V
0V
1.5V
AI08430
VDD
CL
CL includes JIG capacitance
16.7k
DEVICE
UNDER
TEST
0.1µF
VDD
0.1µF
VPP
16.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com