Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080A Datasheet(PDF) 21 Page - STMicroelectronics

Part # M50FLW080A
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M50FLW080A Datasheet HTML 17Page - STMicroelectronics M50FLW080A Datasheet HTML 18Page - STMicroelectronics M50FLW080A Datasheet HTML 19Page - STMicroelectronics M50FLW080A Datasheet HTML 20Page - STMicroelectronics M50FLW080A Datasheet HTML 21Page - STMicroelectronics M50FLW080A Datasheet HTML 22Page - STMicroelectronics M50FLW080A Datasheet HTML 23Page - STMicroelectronics M50FLW080A Datasheet HTML 24Page - STMicroelectronics M50FLW080A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
M50FLW080A, M50FLW080B
Bus operations
21/64
Figure 7.
FWH Bus Write waveforms
Table 7.
FWH Bus Write field definitions
Clock
Cycle
Number
Clock
Cycle
Count
Field
FWH0-
FWH3
Memory
I/O
Description
1
1
START
1110b
I
On the rising edge of CLK with FWH4 Low, the contents of
FWH0-FWH3 indicate the start of a FWH Write Cycle.
2
1
IDSEL
XXXX
I
Indicates which FWH Flash Memory is selected. The value on
FWH0-FWH3 is compared to the IDSEL strapping on the
FWH Flash Memory pins to select which FWH Flash Memory
is being addressed.
3-9
7
ADDR
XXXX
I
A 28-bit address is transferred, with the most significant
nibble first. Address lines A20-21 and A23-27 are treated as
Don’t Care during a normal memory array access, with
A22=1, but are taken into account for a register access, with
A22=0. (See Table 15)
10
1
MSIZE
XXXX
I
0000(Single Byte Transfer) 0001 (Double Byte Transfer)
0010b (Quadruple Byte Transfer).
11-18
M=2/4/8
DATA
XXXX
I
Data transfer is two cycles, starting with the least significant
nibble. (The first pair of nibbles is that at the address with A1-
A0 set to 00, the second pair with A1-A0 set to 01, the third
pair with A1-A0 set to 10, and the fourth pair with A1-A0 set
to 11. In Double Byte Program the first pair of nibbles is that
at the address with A0 set to 0, the second pair with A0 set to
1)
previous +1
1
TAR
1111b
I
The host drives FWH0-FWH3 to 1111b to indicate a
turnaround cycle.
previous +1
1
TAR
1111b
(float)
O
The FWH Flash Memory takes control of FWH0-FWH3 during
this cycle.
previous +1
1
SYNC
0000b
O
The FWH Flash Memory drives FWH0-FWH3 to 0000b,
indicating it has received data or a command.
previous +1
1
TAR
1111b
O
The FWH Flash Memory drives FWH0-FWH3 to 1111b,
indicating a turnaround cycle.
previous +1
1
TAR
1111b
(float)
N/A
The FWH Flash Memory floats its outputs and the host takes
control of FWH0-FWH3.
AI08434B
CLK
FWH4
FWH0-FWH3
Number of
clock cycles
START
IDSEL
ADDR
MSIZE
DATA
TAR
SYNC
TAR
1171
M
212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com