Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 24 of 44
4
–4
0
1000
TIME (ns)
–2
–1
0
1
2
3
100
300
200
400 500 600 700 800 900
–3 C
DIFF = 0pF
VOUT, dm = 4V p-p
CCOM1 = CCOM2 = 0pF
CCOM1 = CCOM2 = 5pF
CCOM1 = CCOM2 = 10pF
CCOM1 = CCOM2 = 20pF
Figure 46. Large Signal Transient Response for Various Capacitive Loads, VS = 3 V
100
–100
0
1000
TIME (ns)
–80
–60
–40
–20
0
20
40
60
80
100
300
200
400 500 600 700 800 900
VOUT, dm = 0.1V p-p
VS = ±2.5V
VS = ±5V
Figure 47. VOCM Small Signal Transient Response
1.25
–1.25
0
1000
TIME (ns)
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
100
300
200
400 500 600 700 800 900
VOUT, dm = 2V p-p
VS = ±2.5V
VS = ±5V
Figure 48. VOCM Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com