Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 31Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 32Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 33Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 34Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 35Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 35 of 44
THEORY OF OPERATION
GO
CC
RF
RG
GCM
GDIFF
GO
RG
–OUT
+OUT
RF
+DIN
–DIN
+IN
–IN
VOCM
CC
OUTPUT
CLAMP
+VCLAMP
–VCLAMP
Figure 99. ADA4945-1 Architectural Block Diagram
The ADA4945-1 is a high speed, low power differential
amplifier fabricated on Analog Devices advanced dielectrically
isolated SiGe bipolar process. The device provides two closely
balanced differential outputs in response to either differential or
single-ended input signals. An external feedback network that is
similar to a voltage feedback operational amplifier sets the
differential gain. The output common-mode voltage is
independent of the input common-mode voltage and is set by an
external voltage at the VOCM terminal. The PNP input stage
allows input common-mode voltages between the negative
supply and 1.3 V less than the positive supply. A rail-to-rail
output stage supplies a wide output voltage range. The DISABLE
pin can reduce the supply current (IS) of the amplifier to 50 µA.
FULLY DIFFERENTIAL AND COMMON-MODE
SIGNAL PATHS
Figure 99 shows a simplified diagram of the ADA4945-1
architecture. The differential feedback loop consists of the
differential transconductance (GDIFF) working through the GO
output buffers and the RF/RG feedback networks. The common-
mode feedback loop is set up with a voltage divider across the
two differential outputs to create an output voltage midpoint
(VOUT(CM)
) and a common-mode transconductance (GCM).
The differential feedback loop forces the voltages at +IN and −IN
to equal each other. This voltage equalization sets the following
relationships:
F
OUT
G
IN
R
V
R
D
−
−
=
+
F
OUT
G
IN
R
V
R
D
+
−
=
−
Subtracting the previous equations gives the relationship that
shows RF and RG setting the differential gain.
(V+OUT − V−OUT) = (+DIN – (−DIN)) ×
G
F
R
R
The common-mode feedback loop drives the output common-
mode voltage that is sampled at the midpoint of the output
voltage divider to equal the voltage at VOCM. This voltage
equalization results in the following relationships:
V+OUT = VOCM +
2
dm
OUT,
V
V−OUT = VOCM −
2
dm
OUT,
V
Note that the summing junction input voltages of the
differential amplifier (+IN and −IN in Figure 99) are set by both
the output voltages and the input voltages.


+
+


+
+
=
−
+
G
F
G
OUT
G
F
F
IN
IN
R
R
R
V
R
R
R
D
V


+
+


+
−
=
+
−
G
F
G
OUT
G
F
F
IN
IN
R
R
R
V
R
R
R
D
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com