Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4945-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
High Speed, ±0.1 µV/˚C Offset Drift,
Fully Differential ADC Driver
Data Sheet
ADA4945-1
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Broad power supply range: 3 V to 10 V
Wide input common-mode voltage range: −VS to +VS − 1.3 V
Rail-to-rail output
Fully specified dual power mode operation
4 mA full power mode (145 MHz)
1.4 mA low power mode (80 MHz)
Full power mode
Low harmonic distortion
−133 dBc HD2 and −140 dBc HD3 at 1 kHz
−133 dBc HD2 and −116 dBc HD3 at 100 kHz
Fast settling time
18-bit: 100 ns
16-bit: 50 ns
Input voltage noise: 1.8 nV/√Hz, f = 100 kHz
±115 µV maximum offset voltage from −40°C to +125°C
Adjustable output clamps for ADC input protection
APPLICATIONS
Low power Σ-Δ, PulSAR®, and SAR ADC drivers
Single-ended to differential converters
Differential buffers
Medical imaging
Process control
Portable electronics
FUNCTIONAL BLOCK DIAGRAM
DISABLE
–FB
+IN
–IN
+FB
NOTES
1. CONNECT THE EXPOSED PAD TO –VS.
–OUT
+OUT
VOCM
12
11
10
1
3
4
9
2
ADA4945-1
Figure 1.
GENERAL DESCRIPTION
The ADA4945-1 is a low noise, low distortion, fully differential
amplifier with two selectable power modes. The device operates
over a broad power supply range of 3 V to 10 V. The low dc
offset, dc offset drift, and excellent dynamic performance of the
ADA4945-1 makes it well suited for a variety of data acquisition
and signal processing applications. The device is an ideal choice
for driving high resolution, high performance successive
approximation register (SAR) and Σ-Δ analog-to-digital
converters (ADCs) on 4 mA of quiescent current (full power
mode). The device can also be selected to operate on 1.4 mA of
quiescent current (low power mode) to scale the power
consumption to the desired performance necessary for an ADC
drive application. The adjustable common-mode voltage allows
the ADA4945-1 to match the input common-mode voltage of
multiple ADCs. The internal common-mode feedback loop
provides exceptional output balance, as well as suppression of
even order harmonic distortion products.
With the ADA4945-1, differential gain configurations are
achieved with a simple external feedback network of four
resistors determining the closed-loop gain of the amplifier.
The ADA4945-1 is fabricated using Analog Devices, Inc.,
proprietary, silicon germanium (SiGe), complementary bipolar
process, enabling the device to achieve low levels of distortion
with an input voltage noise of only 1.8 nV/√Hz (full power mode).
The ADA4945-1 is available in a RoHS-complaint, 3 mm × 3 mm,
16-lead LFCSP. The ADA4945-1 is specified to operate from
−40°C to +125°C.


Similar Part No. - ADA4945-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4945-1ACPZ-R2 AD-ADA4945-1ACPZ-R2 Datasheet
1Mb / 57P
High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
Rev. A
More results

Similar Description - ADA4945-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
logo
Texas Instruments
THS770006 TI-THS770006_10 Datasheet
1,006Kb / 36P
Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012 Datasheet
1Mb / 35P
Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
Analog Devices
AN-1026 AD-AN-1026 Datasheet
361Kb / 16P
High Speed Differential ADC Driver Design Considerations
REV. 0
logo
Texas Instruments
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
Fully Differential SAR ADC
Rev 0; 9/14
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com