Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 41 of 44
OUTPUT CLAMPS
The ADA4945-1 implements output voltage clamps to effectively
limit the differential and common-mode signal levels, thereby
protecting circuitry following the ADA4945-1 from being
overdriven. The operation of these clamps is discussed in the
Theory of Operation section. Figure 113 shows an example where
the output voltage clamp may be used while driving an ADC. In
this example, the ADA4945-1 is operating from +7 V and −2 V
supplies, and the ADC is using +5 V reference. In such a scenario,
the ADC input can potentially be overdriven if no clamping were
present. By connecting the clamps to the positive and negative
references of the ADC, the differential and common-mode signal
levels are limited as shown in Figure 114 and Figure 115. Note that
the differential signals are clamped ~500 mV beyond the clamp set
voltage to allow full swing to the references. The common-mode
signal is clamped right at the clamp set voltages.
ADA4945-1
C
R
R
+7V
–2V
RF
RG
RF
+2.5V
C
ADC
–IN
+IN
VREF
REF
+VCLAMP
+5V
–VCLAMP
RG
Figure 113. ADA4945-1 Output Voltage Clamp Usage
TIME (µs)
+VS = +7V, –VS = –2V
+VCLAMP = +5V, –VCLAMP = 0V
VOCM = +2.5V
+DIN
–DIN
+OUT
–OUT
Figure 114. Clamped Differential Signal Levels
TIME (µs)
+VS = +7V, –VS = –2V
+VCLAMP = +5V, –VCLAMP = 0V
+DIN = –DIN = 0V
VOCM
+OUT, –OUT
Figure 115. Clamped Common-Mode Signal Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com