Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 22 of 44
100
10
0.1
1
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
1
Figure 34. Input Current Noise Spectral Density
4.5
0
8
–10
0
2.0
TIME (µs)
–8
–6
–4
–2
0
2
4
6
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
SUPPLY CURRENT
DISABLE
Figure 35. DISABLE Pin Turn-Off Time
8
–8
0.4
–0.4
–10
90
TIME (ns)
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–6
–4
–2
0
2
4
6
0
10
20
40
50
60
70
%ERROR
OUTPUT
INPUT
VOUT, dm = 8V p-p
30
80
Figure 36. 0.1% Settling Time
100
10
1
0.1
0.01
0.1
1
10
100
FREQUENCY (MHz)
Figure 37. Closed-Loop Output Impedance Magnitude vs. Frequency, G = 1
1.2
–0.3
8
–7
0
2.0
TIME (µs)
–6
–4
–2
–1
1
3
4
5
–0.2
0
0.2
0.3
0.5
0.7
0.8
0.9
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–5
–0.1
–3
0.1
0
0.4
2
0.6
6
1.0
7
1.1
DISABLE
+OUT, VICM = 1V
–OUT, VICM = 1V
Figure 38. DISABLE Pin Turn-On Time
100
–100
0
1000
TIME (ns)
–80
–60
–40
–20
0
20
40
60
80
100
300
200
400 500 600 700 800 900
VOUT, dm = 0.1V p-p
G = 1, RL = 1kΩ
G = 1, RL = 100Ω
G = 2, RL = 1kΩ
G = 2, RL = 100Ω
Figure 39. Small Signal Transient Response for Various Gains and Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com