Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 27 of 44
0.25
–0.25
0.1
1000
1
10
100
FREQUENCY (MHz)
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
VOUT, dm = 2V p-p
G = 2, RL = 100Ω
G = 2, RL = 1kΩ
G = 1, RL = 100Ω
G = 1, RL = 1kΩ
Figure 61. 0.1 dB Flatness Large Signal Frequency Response for
Various Gains and Loads
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 2V p-p
Figure 62. VOCM Large Signal Frequency
TEMPERATURE (°C)
NORMALIZED AT TA = 25°C
Figure 63. Input Offset Voltage vs. Temperature for 50 Devices
TEMPERATURE (°C)
NORMALIZED AT TA = 25°C
Figure 64. Input Offset Current vs. Temperature for 30 Devices
–20
–160
100
1k
10k
100k
1M
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
VOUT, dm = 8V p-p
HD2,
HD3,
HD3,
HD2,
Figure 65. Harmonic Distortion vs. Frequency for Various Loads
–20
– 160
100
1k
10k
100k
1M
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
VOUT, dm = 8V p-p
HD2,
HD3,
HD3,
HD2,
Figure 66. Harmonic Distortion vs. Frequency for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com