Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 6 of 44
General Performance
Table 3.
Full Power Mode
Low Power Mode
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
CLAMP
Clamp Output Voltage
Differential
−VS − 0.5
+VS + 0.5
−VS − 0.5
+VS + 0.5
V
Common mode
−VS
+VS
−VS
+VS
V
Recovery Time
100
100
ns
Input Resistance
Resistance between +VCLAMP
and −VCLAMP
480
480
kΩ
DISABLE (DISABLE PIN)
MODE
Input Voltage
Disabled
−VS – 0.3
DGND + 1
−VS – 0.3
DGND + 1
V
Enabled
DGND + 1.4
VS + 0.3
DGND + 1.4
VS + 0.3
V
Turn Off Time
Quiescent current <10% of
enabled quiescent current
6
6
µs
Turn On Time
Turn on time (tO) >90% of final
VOUT
1.2
2
µs
DISABLE Pin Bias Current
Enabled
DISABLE = 10 V
50
50
nA
Disabled
DISABLE = 0 V
50
50
nA
DGND PIN VOLTAGE RANGE
−VS
+VS – 2.5
–VS
+VS – 2.5
V
POWER SUPPLY
Operating Range
3
10
3
10
V
Quiescent Current
Enabled
Full power mode, MODE = +VS
4
4.2
mA
Low power mode, MODE = −VS
1.4
1.6
mA
Disabled
Full power mode, MODE = +VS
60
70
µA
Low power mode, MODE = −VS
60
70
µA
Positive Power Supply
Rejection Ratio (+PSRR)
ΔVOS, dm/ΔVS, ΔVS = 1 V p-p
−120
−120
dB
Negative Power Supply
Rejection Ratio (−PSRR)
ΔVOS, dm/ΔVS, ΔVS = 1 V p-p
−120
−120
dB
OPERATING TEMPERATURE
RANGE
−40
+125
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com