Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 17 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, VS = ±5 V, G = 1, RF = RG = 499 Ω, RT = 53.6 Ω (when used), and RL = 1 kΩ, unless otherwise noted. See Figure 94, Figure 95,
Figure 96, and Figure 97 for the test circuits.
FULL POWER MODE
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
G = 2, RL = 1kΩ
G = 2, RL = 100Ω
G = 1, RL = 100Ω
G = 1, RL = 1kΩ
Figure 4. Small Signal Frequency Response for Various Gains and Loads
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
VS = ±5V
VS = ±2.5V
VS = ±1.5V
Figure 5. Small Signal Frequency Response for Various Supplies
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
+25°C
–40°C
+125°C
Figure 6. Small Signal Frequency Response for Various Temperatures
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 2V p-p
G = 2, RL = 100Ω
G = 2, RL = 1kΩ
G = 1, RL = 100Ω
G = 1, RL = 1kΩ
Figure 7. Large Signal Frequency Response for Various Gains and Loads
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 2V p-p
VS = ±5V
VS = ±2.5V
VS = ±1.5V
Figure 8. Large Signal Frequency Response for Various Supplies
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 2V p-p
+25°C
–40°C
+125°C
Figure 9. Large Signal Frequency Response for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com