Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 13 of 44
VOCM to VOUT,cm Performance
Table 8.
Full Power Mode
Low Power Mode
Parameter
Test
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
VOCM DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, cm = 20 mV p-p
35
15
MHz
−3 dB Large Signal Bandwidth
VOUT, cm = 2 V p-p
3.8
1.3
MHz
Slew Rate
VOUT, cm = 2 V p-p
26
9
V/µs
Input Voltage Noise
f = 100 kHz
35
45
nV/√Hz
Gain
ΔVOUT, cm/ΔVOCM,
ΔVOCM = ±1 V
0.99
1
1.01
0.99
1
1.01
V/V
VOCM CHARACTERISTICS
Input Common-Mode Voltage
Range
−VS + 0.4
+VS − 1.4
−VS + 0.4
+VS − 1.4
V
Input Resistance
125
125
kΩ
Offset Voltage
VOS, cm = VOUT, cm − VOCM,
VIP = VIN = VOCM = 0 V
25°C
±10
±60
±10
±60
mV
TA = 20°C to 85°C
±10
±10
mV
TA = −40°C to +125°C
±20
±20
mV
Input Offset Voltage Drift
TA = 20°C to 85°C
±5
±5
µV/°C
TA = −40°C to +125°C
±10
±10
µV/°C
Input Bias Current
TA = 25°C
−220
−160
µA
TA = 20°C to 85°C
−300
−205
µA
TA = −40°C to +125°C
−350
−230
µA
Input Bias Current Drift
TA = 20°C to 85°C
−1.3
−0.75
µA/°C
TA = −40°C to +125°C
−1.5
−1.0
µA/°C
CMRR
ΔVOS,dm/ΔVOCM,
ΔVOCM = ±1 V
−130
−130
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com