Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 16 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD. CONNECT THE EXPOSED PAD TO –VS.
DISABLE
–FB
+IN
–IN
+FB
–OUT
+OUT
VOCM
12
11
10
1
3
4
9
2
ADA4945-1
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−FB
Negative Output for Feedback Component Connection.
2
+IN
Positive Input Summing Node.
3
−IN
Negative Input Summing Node.
4
+FB
Positive Output for Feedback Component Connection.
5
MODE
Selects Between Full Power Mode and Low Power Mode.
6
+VS
Positive Supply Voltage.
7
+VS
Positive Supply Voltage.
8
+VCLAMP
Positive Clamp Level.
9
VOCM
Output Common-Mode Voltage.
10
+OUT
Positive Output for Load Connection.
11
−OUT
Negative Output for Load Connection.
12
DISABLE
Disable Pin.
13
−VCLAMP
Negative Clamp Level.
14
−VS
Negative Supply Voltage.
15
−VS
Negative Supply Voltage.
16
DGND
Digital Ground Level.
Exposed pad (EPAD)
Exposed Pad. Connect the exposed pad to −VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com