Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4945-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 2 of 44
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Supply Voltage (VS) = 10 V ......................................................... 3
VS = 5 V.......................................................................................... 7
VS = 3 V........................................................................................ 11
Absolute Maximum Ratings.......................................................... 15
Thermal Resistance .................................................................... 15
Maximum Power Dissipation ................................................... 15
ESD Caution................................................................................ 15
Pin Configuration and Function Descriptions........................... 16
Typical Performance Characteristics ........................................... 17
Full Power Mode.......................................................................... 17
Low Power Mode........................................................................ 25
Test Circuits..................................................................................... 33
Terminology .................................................................................... 34
Theory of Operation ...................................................................... 35
Fully Differential and Common-Mode Signal Paths............. 35
Output Voltage Clamp............................................................... 36
Power Modes............................................................................... 36
Applications Information .............................................................. 37
Analyzing an Application Circuit ............................................ 37
Setting the Closed-Loop Gain .................................................. 37
Estimating the Output Noise Voltage...................................... 37
Impact of Mismatches in the Feedback Networks................. 38
Calculating the Input Impedance of an Application Circuit..... 38
Input Common-Mode Voltage Range..................................... 40
Input and Output Capacitive AC Coupling............................ 40
Setting the Output Common-Mode Voltage.......................... 40
Disable Pin .................................................................................. 40
Driving a Capacitive Load......................................................... 40
Output Clamps ........................................................................... 41
Driving a High Precision ADC ................................................ 42
Layout, Grounding, and Bypassing.............................................. 43
Outline Dimensions....................................................................... 44
Ordering Guide .......................................................................... 44
REVISION HISTORY
4/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com