Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 31Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 32Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 33Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 34Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 35Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 36Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 33 of 44
TEST CIRCUITS
ADA4945-1
54.9Ω
475Ω
475Ω
54.9Ω
+5V
–5V
499Ω
499Ω
50Ω
NETWORK
ANALYZER
OUTPUT
NETWORK
ANALYZER
INPUT
499Ω
499Ω
VOCM
53.6Ω
25.5Ω
VIN
50Ω
50Ω
Figure 94. Equivalent Basic Test Circuit
ADA4945-1
+5V
-5V
499Ω
499Ω
50Ω
499Ω
475Ω
475Ω
499Ω
VOCM
53.6Ω
54.9Ω
54.9Ω
100Ω
HP
LP
2:1
50Ω
CT
VIN
LOW-PASS
FILTER
DC-COUPLED
GENERATOR
DUAL
FILTER
25.5Ω
Figure 95. Test Circuit for Distortion Measurements
+IN
–OUT
+OUT
–FB
+FB
–IN
VOCM
0.1µF
VIN
R1
R2
R2
+5V
–5V
R1
DISABLE
+5V
–5V
IS
Figure 96. Test Circuit for DISABLE Pin Turn Off Time Measurement
+5V
–5V
+IN
–OUT
+OUT
–FB
+FB
–IN
VOCM
0.1µF
VIN
R1
R2
R2
+5V
–5V
R1
DISABLE
Figure 97. Test Circuit for DISABLE Pin Turn On Time Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com