Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 21 of 44
110
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (MHz)
Figure 28. CMRR vs. Frequency
–10
–80
0.1
1
10
100
FREQUENCY (MHz)
–70
–60
–50
–20
–30
–40
Figure 29. Output Balance vs. Frequency
130
40
0.1
1
10
100
FREQUENCY (MHz)
50
60
70
80
90
120
100
110
+PSRR
–PSRR
Figure 30. PSRR vs. Frequency
100
–40
0
–210
10k
100k 1M
10M 100M 1G
–195
–180
–165
–150
–135
–120
–105
–90
–75
–60
–45
–30
–15
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
1k
100
10
1
110
130
120
140
30
15
–240
–225
PHASE
GAIN
Figure 31. Open-Loop Gain and Phase vs. Frequency
14
–14
–10
–8
0
2
10
12
–6
0
1000
TIME (ns)
100 200 300 400 500 600 700 800 900
–12
–4
–2
4
6
8
G = +10
10 × VIN
VOUT, dm
Figure 32. Output Overdrive Recovery, G = 2
100
10
1
1
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
Figure 33. Voltage Noise Spectral Density, Referred to Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com