Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADHV4702-1BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 4 of 21
SPECIFICATIONS
±12 V TO ±110 V SUPPLY
Supply voltage (VS) = ±12 V to ±110 V, TA = 25°C with an EPAD connected to a 0 V analog ground (AGND), DGND pin tied to 0 V
AGND, RADJ1 = 0 Ω, gain (AV) = 1, feedback resistor (RF) = 100 kΩ, and load resistance (RLOAD) = 10 kΩ, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
AV = 1, output voltage (VOUT) = 200 mV p-p, RF = 0 Ω
10
MHz
Slew Rate
AV = 20, VOUT = 200 V p-p, 20% to 80%
74
V/µs
AV = 20, VOUT = 200 V p-p, 20% to 80%, with external
input clamping diodes2
24
V/µs
Settling Time to 0.1%
AV = 1, VOUT = 40 V p-p, RF = 0 Ω
8.4
µs
AV = 20, VOUT = 40 V p-p
6.2
µs
AV = 40, VOUT = 40 V p-p
13
µs
NOISE PERFORMANCE
Input Voltage Noise
Frequency = 10 kHz
8
nV/√Hz
Input Voltage Noise 1/f Corner
10
Hz
Input Current Noise
Frequency = 40 Hz
1
fA/√Hz
DC PERFORMANCE
Input Offset Voltage
−1
±0.15
+1
mV
Drift
VS = ±110 V, TA = 25°C to 85°C
−2
±0.25
+2
µV/°C
VS = ±12 V, TA = 25°C to 85°C
−3
±0.25
+3
µV/°C
Input Bias Current
TA = 25°C
−2
±0.3
+2
pA
TA = 85°C
−100
±19
+100
pA
Drift
TA = 25°C to 85°C
±0.3
pA/°C
Input Offset Current
TA = 25°C
−2
±0.15
+2
pA
TA = 85°C
−50
±8
+50
pA
Drift
TA = 25°C to 85°C
±0.13
pA/°C
Open-Loop Gain
VS = ±110 V
146
170
dB
VS = ±12 V
130
150
dB
INPUT CHARACTERISTICS
Input Resistance
Common-Mode
Common-mode voltage (VCM) = −60 V to +60 V
45
TΩ
VCM = −90 V to +90 V
30
TΩ
Differential
4.2
TΩ
Input Capacitance
Common-Mode
7.9
pF
Differential
17.9
pF
Input Common-Mode Voltage Range
±107
V
CMRR
140
160
dB
SHUTDOWN PIN (SD)
SD Input Voltage
Low
Disabled
0.8
V
High
Enabled
1.6
V
SD Input Current
Low
SD = 0 V
−11
µA
High
SD = 5 V
−1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com