Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADHV4702-1
Rev. A | Page 11 of 21
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
100
1k
10k
100k
1M
VOUT = 50V p-p
VOUT = 100V p-p
VOUT = 150V p-p
VOUT = 200V p-p
FREQUENCY (Hz)
Figure 23. Large Signal Frequency Response at Various Output Swings with
Input Clamping Diodes (See the Slew Boost Circuit and Protection Section),
TA = 25°C, AV = 20, VS = ±110 V, RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω
TIME (500ns/DIV)
–70
–50
–30
–10
10
30
50
70
AV = 1, RF = 0Ω
AV = 20, RF = 100kΩ
AV = 40, RF = 100kΩ
Figure 24. Small Signal Pulse Response at Various Gains, Rising Edge,
TA = 25°C, VS = ±110 V, VOUT = 100 mV p-p, RLOAD = 10 kΩ, RADJ = 0 Ω
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
TA = 0°C
TA = +25°C
TA = +85°C
TA = –40°C
Figure 25. Small Signal Frequency Response at Various TA, AV = 1,
VS = ±110 V, VOUT = 100 mV p-p, RL = 10 kΩ, RADJ = 0 Ω
70
–70
50
30
10
–10
–30
–50
TIME (100µs/DIV)
AV = 1, RF = 0Ω
AV = 20, RF = 100kΩ
AV = 40, RF = 100kΩ
Figure 26. Small Signal Pulse Response at Various Gains, TA = 25°C,
VS = 110 V, VOUT = 100 mV p-p, RLOAD = 10 kΩ, RADJ = 0 Ω
–70
–50
–30
–10
0
30
10
50
70
TIME (500ns/DIV)
AV = 1, RF = 0Ω
AV = 20, RF = 100kΩ
AV = 40, RF = 100kΩ
Figure 27. Small Signal Pulse Response at Various Gains, Falling Edge,
TA = 25°C, VS = ±110 V, VOUT = 100 mV p-p, RLOAD = 10 kΩ, RADJ = 0 Ω
–10
–5
0
5
10
15
20
25
30
35
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±110V
VOUT = 100mV p-p
RL = 10kΩ
RF = 0Ω, AV = 1
RF = 100kΩ, AV = 20
RF = 100kΩ, AV = 40
Figure 28. Small Signal Frequency Response at Various Gains, TA = 25°C,
VS = ±110 V, VOUT = 100 mV p-p, RL = 10 kΩ, RADJ = 0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com