Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 18 of 21
Device to device variation in the TMP pin voltage may result in
different shutdown threshold temperatures or shutdown
response times among various devices while implementing the
200 kΩ RTMP. The shutdown threshold can be adjusted with a
smaller RTMP resistance, yielding a lower threshold temperature.
The RTMP together with the internal resistors of TMP form a
voltage divider that influences the TMP pin reading and TMP
voltage drift. The TMP data in Table 1 and the Temperature
Monitor (TMP) section is only valid when RTMP is uninstalled.
SD
TMP
120kΩ
400kΩ
DGND
DGND
RTMP
~5.3V
140kΩ
ITMP
HIGH IMPEDANCE
NODE
~5.3V
8
5
Figure 54. TMP and SD Pin Configuration for Short-Circuit Protection and
Thermal Shutdown
OUTPUT CURRENT DRIVE AND SHORT-CIRCUIT
PROTECTION
The ADHV4702-1 uses an output stage constructed with
cascaded, double diffused, metal-oxide-semiconductor
(DMOS) high voltage transistors that provide wide output
swing. The ADHV4702-1 can typically drive a 20 mA load
current continuously. Though with proper thermal management,
the ADHV4702-1 can deliver up to 50 mA. Short-circuit
protection is provided by means of the thermal shutdown
feature. To enable short-circuit protection, connect the SD and
TMP pins, and tie both to DGND with a 200 kΩ RTMP.
EXTERNAL COMPENSATION AND CAPACITIVE
LOAD (CLOAD) DRIVING
When driving a CLOAD, the amplifier output resistance and the
load capacitance form a pole in the transfer function of the
amplifier. This additional pole reduces phase margin at higher
frequencies and, if left uncompensated, can result in excessive
peaking and instability. Placing a series resistor (RS) between the
amplifier output and CLOAD (as shown in Figure 55) allows the
ADHV4702-1 to drive capacitive loads beyond 1 μF. Figure 56
shows the series resistor value vs. load capacitance for a
maximum of 2 dB peaking in the circuit of Figure 55.
In addition to the series resistor, the ADHV4702-1 includes an
optional external compensation feature for driving capacitive
loads. A capacitor (CCOMP) can be installed between COMP and
DGND to reduce output stage peaking associated with
capacitive loads. CCOMP must be rated for the full supply
differential. Figure 58 shows the effect of CCOMP on various
capacitive loads.
The values shown in Figure 56, Figure 57, and Figure 58 are for
unity gain configuration with a purely CLOAD. This is a worst
case scenario because the amplifier is more stable at higher
gains and with some resistive load in parallel with the load
capacitance. Although the RS or CCOMP significantly increases
the stability while driving CLOAD, they also reduce the headroom
and bandwidth while driving a resistive load. For resistive loads,
leave the COMP pin floating.
CLOAD
RS
VIN
5kΩ
100kΩ
Figure 55. Circuit for CLOAD Drive
0
20
40
60
80
100
120
140
160
10p
100p
1n
10n
100n
1µ
CLOAD (F)
Figure 56. RS vs. CLOAD for Maximum 2 dB Peaking for Circuit from Figure 55,
TA = 25°C, AV = 1, VS = ±110 V, VOUT = 100 mV p-p, RF = 0 Ω, RADJ = 0 Ω
–18
–15
–12
–9
–6
–3
0
3
10k
100k
1M
10M
100M
FREQUENCY (Hz)
RS = 50Ω
RS = 2.21Ω,
CLOAD = 1µF
RS = 57.6Ω,
CLOAD = 1nF
RS = 130Ω,
CLOAD = 200pF
Figure 57. Small Signal Response for Various CLOAD and RS Values, TA = 25°C,
AV = 1, VS = ±110 V, VOUT = 100 mV p-p, RF = 0 Ω, RADJ = 0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com