Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 8 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
35
30
25
20
15
10
5
0
40
45
50
–1.5
–1.2
–0.9
–0.6
–0.3
IB TEMPERATURE COEFFICIENT (pA/°C)
0
0.3
0.6
0.9
POSITIVE IB
TEMPERATURE COEFFICIENT
MEAN: –0.37pA/°C
NEGATIVE IB
TEMPERATURE COEFFICIENT
MEAN: –0.30pA/°C
Figure 5. Positive and Negative Input Bias (IB) Current Drift Distribution,
TA = 25°C, VS = ±110 V, VCM = 0 V, ∆TA = 60°C, RADJ = 0 Ω
2.5
2.6
2.7
2.8
SUPPLY CURRENT (mA)
2.9
3.0
3.1
MEAN: 2.77mA
25
20
15
10
5
0
Figure 6. Supply Current Distribution, TA = 25°C, VS = ±110 V, RADJ = 0 Ω
–2.0
–1.5
–1.0
–0.5
VOS TEMPERATURE COEFFICIENT (µV/°C)
0
0.5
1.0
1.5
MEAN: –0.49µV/°C
40
35
30
25
20
15
10
5
0
Figure 7. Input Offset Voltage Drift Distribution, TA = 25°C, VS = ±110 V,
VCM = 0 V, ∆TJ = 60°C, RADJ = 0 Ω
50
40
30
20
10
0
200
180
160
PSRR (dB)
140
120
VCC PSRR
MEAN: 161dB
VEE PSRR
MEAN: 163dB
Figure 8. PSRR Distribution, TA = 25°C, VS = ±110 V, RADJ = 0 Ω
CMRR (dB)
70
50
60
40
30
20
10
0
220
210
200
190
180
170
160
150
140
POSITIVE CMRR
MEAN: 161dB
NEGATIVE CMRR
MEAN: 163dB
Figure 9. CMRR Distribution, TA = 25°C, VS = ±110 V, RADJ = 0 Ω
–30
–20
–10
0
10
20
30
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
Figure 10. Average Input Offset Voltage for 50 Devices vs. Temperature,
VS = ±110 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com