Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADHV4702-1BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADHV4702-1
Rev. A | Page 5 of 21
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Range
RLOAD = 5 kΩ, TA = −40°C to +85°C
High
108
108.5
V
Low
−108.5
−108
V
Output Current
20
mA
THERMAL MONITOR
TMP Pin Voltage3
TA = 25°C
1.9
V
TMP Pin Voltage Drift
TA = −40°C to +85°C
−4.5
mV/°C
POWER SUPPLY
Operating Range
Symmetrical and asymmetrical supplies
24
220
V
Quiescent Current
SD = 5 V (Enabled)4
RADJ1 = 0 Ω, TA = 25°C, VS = ±110 V
3
3.3
mA
RADJ1 = 0 Ω, TA = 25°C, VS = ±12 V
2.7
3.3
mA
RADJ1 = 0 Ω, TA = −40°C to +85°C
3.3
mA
RADJ1 = 50 kΩ, TA = 25°C, VS = ±110 V
0.9
1
mA
RADJ1 = 50 kΩ, TA = 25°C, VS = ±12 V
0.8
1
mA
RADJ1 = 50 kΩ, TA = −40°C to +85°C
1
mA
RADJ1 = 100 kΩ, TA = 25°C, VS = ±110 V
0.6
mA
SD = 0 V (Disabled)
0.18
0.2
mA
Positive Power Supply Rejection Ratio
(PSRR)
Positive supply voltage (+VS) = 107 V to 112.5 V,
negative supply voltage (−VS) = 110 V
130
155
dB
+VS = 10 V to 14 V, −VS = −12 V
110
130
dB
Negative Power Supply Rejection Ratio
+VS = 110 V, −VS = −107 V to −112.5 V
130
155
dB
+VS = 12 V, −VS = −10 V to −14 V
110
130
dB
1
RADJ is a resistor that connects the RADJ pin to DGND.
2
This slew rate result is tested while the ADHV4702-1 inputs are clamped at the forward-biased voltage of two diodes using ON Semiconductor® SBAV199LT1G. For
more information, see the Slew Boost Circuit and Protection section.
3
The TMP pin voltage may have device to device variation. For more information, see the Temperature Monitor (TMP) section.
4
This specification is for quiescent current only. For supply current or dynamic supply current information, see the Theory of Operation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com