Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADHV4702-1
Rev. A | Page 7 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
9
8
7
1
2
3
RADJ
SD
VCC
RESERVED
IN+
RESERVED
TOP VIEW
(Not to Scale)
NOTES
1. RESERVED. THESE PINS ARE INTERNALLY CONNECTED.
FLOAT OR TIE THESE PINS TO THE DIGITAL GROUND.
2. EXPOSED THERMAL PAD. NO INTERNAL ELECTRICAL
CONNECTION. TIE EPAD TO EXTERNAL GROUND PLANE
AND/OR HEAT SINK FOR THERMAL MANAGEMENT.
ADHV4702-1
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
RESERVED
Reserved. These pins are internally connected. Float or connect these pins to the digital ground.
2
IN+
Noninverting Input.
4
VEE
Negative Power Supply Input.
5
TMP
Temperature Monitor Output.
6
OUT
Output.
7
VCC
Positive Power Supply Input.
8
SD
Shutdown (Active Low). SD is referenced to DGND.
9
RADJ
Resistor Adjustable Quiescent Current. Connect RADJ to DGND to fully bias the amplifier.
10
DGND
Logic Reference for RADJ and SD. Connect DGND to 0 V analog ground.
11
COMP
External Compensation.
12
IN−
Inverting Input.
EPAD
Exposed Thermal Pad. No internal electrical connection. Tie EPAD to external ground plane and/or heat sink for
thermal management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com