Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADHV4702-1
Rev. A | Page 17 of 21
1
10
100
1000
1
10
100
1k
10k
100k
FREQUENCY (Hz)
RADJ = 100kΩ
RADJ = 50kΩ
RADJ = 0Ω
Figure 50. Input Voltage Noise at Various RADJ, TA = 25°C, VS = ±110
SHUTDOWN PIN (SD)
The ADHV4702-1 is equipped with a power saving shutdown
feature. When the SD pin voltage is brought low to within 0.8 V
of DGND, the amplifier is disabled and put in a low power state,
reducing its quiescent current to approximately 0.18 mA.
The SD pin has an internal approximately 400 kΩ pull-up
resistor that enables the amplifier if SD is left floating. When
turning the amplifier on from the shutdown state, pull the SD
pin high to at least 1.6 V above the DGND pin. The SD pin
response time for starting up and coming out of shutdown is
shown in Figure 51 and Figure 52. The SD pin can support
digital logic levels down to 2.5 V. The SD pin can be used to
implement thermal shutdown and short-circuit protection
when used in conjunction with the temperature monitor feature
of the ADHV4702-1.
–1
0
1
2
3
4
5
6
7
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (50µs/DIV)
SUPPLY CURRENT
SD VOLTAGE
Figure 51. SD Pin Response Time, Turning On
–1
0
1
2
3
4
5
6
7
TIME (50µs/DIV)
SUPPLY CURRENT
SD VOLTAGE
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 52. SD Pin Response Time, Turning Off
TEMPERATURE MONITOR (TMP)
The ADHV4702-1 features an on-chip temperature sensor in
close proximity to the output stage, where die temperature is the
highest. The output voltage of the temperature sensor appears at
the TMP pin. As an approximate indicator of die temperature,
TMP voltage can be used to monitor power dissipation and
implement thermal shutdown. The TMP voltage at room
temperature is nominally 1.9 V, changing at approximately
−4.5 mV/°C, as shown in Figure 53. More precise temperature
readings can be achieved through a one-time room temperature
calibration of the TMP pin.
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
Figure 53. TMP Pin Voltage vs. Junction Temperature
OVERTEMPERATURE PROTECTION
Operation at or beyond the operating temperature specified
in the Absolute Maximum Ratings section can affect product
reliability. To minimize this risk, the ADHV4702-1 features an
optional, resistor programmable thermal shutdown where the
TMP pin voltage asserts the SD pin. In addition to proper heat
sinking, thermal shutdown is recommended to protect the
amplifier from an overtemperature condition. To implement the
thermal shutdown function, tie TMP to SD, as shown in Figure 54,
and connect a 200 kΩ resistor (RTMP) from TMP and SD to
DGND in close proximity to the ADHV4702-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com