Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 20 of 21
APPLICATIONS INFORMATION
POWER SUPPLY AND DECOUPLING
The ADHV4702-1 can operate from a single supply or dual
supply. The total supply voltage (VCC − VEE) must be between
24 V and 220 V. Decouple each supply pin to ground using high
quality, low effective series resistance (ESR), 0.1 µF capacitors.
Place decoupling capacitors as close to the supply pins as possible.
Additionally, place 1.2 µF tantalum capacitors from each supply
to ground to provide sufficient low frequency decoupling and
supply the needed current to support large, fast slewing signals
at the ADHV4702-1 output. To ensure reliable operation under
high voltages, the voltage ratings for the bypass capacitors must
be higher than the supply voltages of ADHV4702-1.
HIGH VOLTAGE GUARD RING
The ADHV4702-1 features a pin placement that facilitates the
use of a guard ring around the noninverting input of the
amplifier. Guarding minimizes leakage from nearby pins and
helps to achieve the benefit of low input bias current. The guard
must be free of solder mask so that it remains exposed on the
surface of the PCB. Drive the guard ring to a potential that
tracks the input of the amplifier.
HIGH VOLTAGE DAC VOLTAGE SUBTRACTOR
The ADHV4702-1 can be combined with a dual, 16-bit
voltage output, DAC, such as the AD5752R, to produce a
versatile high voltage DAC solution. For this configuration,
set up the ADHV4702-1 as a voltage subtractor with a gain
of 20, which is ideally suited for chemical analysis (mass
spectrometry), piezodrive, scanning electron microscope
(SEM), LiDAR APD/SPAD, and silicon photomultiplier bias
control applications.
DIN1
VOUTA
VOUTB
DIN2
n
n
2kΩ
2.5kΩ
40kΩ
2kΩ
ADHV4702-1
+VS
HVOUT_FORCE
–VS
HVOUT_SENSE
40kΩ
Figure 61. ADHV4702-1 Configured as a Voltage Subtractor Using DACs
HIGH CURRENT OUTPUT DRIVER
Figure 62 shows a system level application of the ADHV4702-1
that boosts the output current drive of the amplifier. By introducing
a discrete unity-gain output stage, the ADHV4702-1 can be
used as a high power output driver retaining the precision
performance capabilities of the standalone amplifier, such as
offset, drift, open-loop gain, and CMRR, while increasing the
output current drive up to the current handling capabilities of
the discrete devices.
ADHV4702-1
+VS
RG
–VS
+
R3
R5
RLOAD
VOUT
P CHANNEL
N CHANNEL
RFB
VIN
Figure 62. High Current Output Driver Schematic
SIGNAL RANGE EXTENDER
Figure 63 shows an example of a signal range extender
configuration. By introducing two additional high power, discrete,
metal-oxide semiconductor field effect transistors (MOSFETs), the
range extender can deliver at least twice the signal range
(depending on the MOSFET selection), while retaining the original
performance characteristics of the amplifier.
VIN
RTOP
RBOT
RTOP
RBOT
RG
ADHV4702-1
+VS
+VS
RFB
–VS
–VS
RS
VOUT
RLOAD
+
P CHANNEL
N CHANNEL
Figure 63. Voltage Extender Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com