Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 6 of 21
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VCC to VEE)
225 V
Output Voltage
VCC to VEE
Common-Mode Input Voltage
VCC to VEE
Differential Input Voltage
±2.0 V
Input Current
±5 mA
DGND Voltage
VCC − 12 V to VEE
Voltage
RESERVED, SD, and TMP Pins
DGND to DGND + 6 V
COMP Pin
VCC − 5 V to VCC
RADJ Pin
DGND to DGND + 0.6 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)1
260°C
Junction Temperature (TJ)
150°C
1
See IPC/JEDEC J-STD-020 for more information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the package is limited
by the associated rise in TJ on the die. At approximately 150°C,
which is the glass transition temperature, the plastic begins to
change its properties. Exceeding a TJ of 150°C can result in changes
in the silicon devices, potentially causing failure. Table 3 shows the
junction-to-case thermal resistance (θJC) for the LFCSP. For
more detailed information on power dissipation and thermal
management, see the Applications Information section
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-12-81
37
1
°C/W
1
The data is collected from a 2S2P board. A cold plate is attached to the
bottom side of the PCB using 100 µm thermal interface material (TIM) for θJC
simulation. See JEDEC standard for additional information.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com