Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADHV4702-1BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 2 of 21
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Typical Application Circuit ............................................................. 1
 
Revision History ............................................................................... 2
 
Functional Block Diagram .............................................................. 3
 
Specifications..................................................................................... 4
 
±12 V to ±110 V Supply .............................................................. 4
 
Absolute Maximum Ratings............................................................ 6
 
Maximum Power Dissipation ..................................................... 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Theory of Operation ...................................................................... 15
 
Internal Electrostatic Discharge (ESD) Protection ................ 15
 
Slew Boost Circuit and Protection ........................................... 15
 
Digital Ground (DGND)........................................................... 16
 
Resistor Adjustable Quiescent Current (RADJ)..................... 16
 
Shutdown Pin (SD) .................................................................... 17
 
Temperature Monitor (TMP) ................................................... 17
 
Overtemperature Protection..................................................... 17
 
Output Current Drive and Short-Circuit Protection ............ 18
 
External Compensation and Capacitive Load (CLOAD) Driving
....................................................................................................... 18
 
Safe Operating Area ................................................................... 19
 
LFCSP Package and High Voltage Pin Spacing ...................... 19
 
Exposed Pad (EPAD) ................................................................. 19
 
Applications Information .............................................................. 20
 
Power Supply and Decoupling.................................................. 20
 
High Voltage Guard Ring .......................................................... 20
 
High Voltage DAC Voltage Subtractor .................................... 20
 
High Current Output Driver .................................................... 20
 
Signal Range Extender............................................................... 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
3/2019—Rev. 0 to Rev. A
Changes to Figure 59...................................................................... 19
Changes to Ordering Guide .......................................................... 21
11/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com