Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 10 of 21
–150
–100
–50
0
50
100
150
TIME (2µs/DIV)
–40°C
TA = 0°C
TA = +25°C
TA = +85°C
Figure 17. Large Signal Pulse Response at Various TA, Rising Edge, AV = 40,
VS = ±110 V, VOUT = 200 V p-p, RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω
150
100
TIME (1µs/DIV)
50
0
–50
–100
–150
AV = 20
AV = 40
Figure 18. Large Signal Pulse Response at Various Gains, Rising Edge,
TA = 25°C, VS = ±110 V, VOUT = 200 V p-p, RF = 100 kΩ, RLOAD = 10 kΩ,
RADJ = 0 Ω
150
100
TIME (100µs/DIV)
50
0
–50
–100
–150
AV = 20
AV = 40
Figure 19. Large Signal Pulse Response at Various Gains, TA = 25°C,
VS = ±110 V, VOUT = 200 V p-p, RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω
–150
–100
–50
0
50
100
150
TIME (2µs/DIV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Figure 20. Large Signal Pulse Response at Various TA, Falling Edge, AV = 40,
VS = ±110 V, VOUT = 200 V p-p, RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω
150
100
TIME (1µs/DIV)
50
0
–50
–100
–150
AV = 20
AV = 40
Figure 21. Large Signal Pulse Response at Various Gains, Falling Edge,
TA = 25°C, VS = ±110 V, VOUT = 200 V p-p, RF = 100 kΩ, RLOAD = 10 kΩ,
RADJ = 0 Ω
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
100
1k
10k
100k
1M
VOUT = 50V p-p
VOUT = 100V p-p
VOUT = 150V p-p
VOUT = 200V p-p
FREQUENCY (Hz)
Figure 22. Large Signal Frequency Response at Various Output Swings with
Input Clamping Diodes (See the Slew Boost Circuit and Protection Section),
TA = 25°C, AV = 40, VS = ±110 V, RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com