Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADHV4702-1
Rev. A | Page 15 of 21
THEORY OF OPERATION
The ADHV4702-1 is a high voltage (220 V) precision amplifier
designed using the next generation of proprietary bipolar/
complementary metal-oxide semiconductor (CMOS)/laterally
diffused metal-oxide semiconductor (BCDMOS) process from
Analog Devices. Figure 3 shows the functional block diagram.
The input stage architecture offers the advantages of high input
impedance with low input bias current, low input offset voltage,
low drift, and low noise for precision demanding applications,
such as automated test equipment (ATE).
INTERNAL ELECTROSTATIC DISCHARGE (ESD)
PROTECTION
As shown in Figure 43, the ADHV4702-1 has an internal ESD
configuration to prevent damage due to overvoltage. The ESD
protection circuitry involves current steering diodes connected
from the input and output pins to the power supply rails. The
ADHV4702-1 also includes internal input clamping diodes across
the inverting and noninverting inputs to prevent large differential
input voltages from damaging the input stage transistors. This
input clamping circuit greatly reduces the input impedance for
differential input voltages greater than the forward-biased
voltage (VF) of four diodes.
The ESD protection circuitry remains inactive under normal
operation. To avoid forward biasing the ESD diodes, do not
overdrive the pin voltages above the absolute maximum ratings,
and ensure that the input differential voltage does not exceed
4 VF. Additional external input clamping diodes may be
required to protect the slew boost circuit. See the Slew Boost
Circuit and Protection section.
225V ESD
DGND
~5V
DGND
~5V
125Ω
DGND
~5V
DGND
~5V
~5V
DGND
VEE VCC
125Ω
DGND
COMP
IN–
RESERVED
IN+
RESERVED
OUT
TMP
VEE
SD
VCC
RADJ
1
2
3
9
8
7
6
5
4
10
11
12
Figure 43. Simplified ESD Configuration
SLEW BOOST CIRCUIT AND PROTECTION
The ADHV4702-1 uses a supplementary slew boosting circuit
to achieve its typical slew rate of 74 V/µs across a 200 V p-p
output range at unity gain. This slew boosting circuit works by
sensing the differential input voltage of the amplifier and
converting this voltage into a dynamic current to help drive
capacitances within the signal path of the amplifier. With
greater input voltage across the inputs, more dynamic current is
produced, which enables the amplifier to slew faster. The
current produced by the slew boosting circuit transmits to all
stages of the amplifier during slewing.
Internally, the ADHV4702-1 contains differential input voltage
clamps that limit transient differential signals to 4 VF, placing an
upper limit on the slew boost. Large differential input voltages
(which can be occur with signal frequencies approaching the
full power bandwidth) trigger the slew boosting circuit,
resulting in an increased dynamic supply current. The
relationship between slew rate and full power bandwidth (fM) is
given in the following equation:
SR = VO × 2πfM
where VO is the peak output voltage.
When operating continuously at or near full power bandwidth,
the increased supply current may cause an increase in TJ
beyond the safe operating temperature, resulting in device
damage. The dynamic safe operating area (SOA) for the EVAL-
ADHV4702-1CPZ evaluation board is shown in Figure 59 in
the Safe Operating Area section. The dynamic SOA shows the
connection between the output swing and the maximum
input/output frequency for pulse response. To expand the SOA
curve, use additional thermal management or limit the
differential voltage across the inputs to 2 VF with external
diodes, which limits the current produced by the slew boosting
circuit and reduces the internal power dissipation. Clamping
the differential input voltage of the ADHV4702-1 in this way
protects the amplifier in dynamic operation but limits slew rate
and large signal bandwidth. Figure 44 shows a simplified
schematic with external input clamping diodes, and Figure 45 to
Figure 48 show the large signal pulse response at various
temperatures and gains while the ADHV4702-1 inputs are
clamped by two ON Semiconductor SBAV199LT1G diode pairs
at 2 VF.
ADHV4702-1
5kΩ
VIN
100kΩ
10kΩ
VOUT
EXTERNAL
INPUT
CLAMPING
DIODES
Figure 44. External Input Clamping Diodes Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com